Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

130094-0234 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 130094-0234
Description  Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

130094-0234 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0234
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
19.05-25.15mm (.750-.990"), Approximate Break Strength 589.67kg (1,300 lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130094
Eye Type
Single
O-Ring
N/A
Overview
Support Grips
Product Literature Order No
987650-8065
Product Name
Standard Duty
Type
Support Grip
UPC
78678835032
Woodhead
Yes
Physical
Approximate Break Strength
589.67kg (1,300 lbs)
Bale Length
0.203m (8.00")
Body Style
Straight
Cable Diameter
19.05-25.15mm (.750-.990")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Non-magnetic Tin Bronze Wire
Mesh Length
0.356m (14.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35032
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliance
Not Required
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn