Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDD3220DF-S1R5K-6M Datasheet(PDF) 2 Page - Central Technologies

Part # CTDD3220DF-S1R5K-6M
Description  Wide Input Isolated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD3220DF-S1R5K-6M Datasheet(HTML) 2 Page - Central Technologies

  CTDD3220DF-S1R5K-6M Datasheet HTML 1Page - Central Technologies CTDD3220DF-S1R5K-6M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
2 3
911
23 22
16
14
Bottom View
31.8
20.3
5.08
10.2
4.1
23 22
16
14
2
3
11
9
ø1.0
2.54
2.54
CTDD3220DF-S1.5K-6M Package
CTDD3220DF-S1.5K-6M Footprint
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50mm (Tolerance: ±0.25); All dimensions in mm.
PIN CONNECTIONS
2 3
911
23 22
16
14
Bottom View
Pin
2, 3
9
11
14
16
22, 23
Function
GND
No Pin
NC
+Vo
0V
Vin
01.10.07
CTDD3220DF-S1.5K-6M Series
Wide Input Isolated & Regulated
6W Output, Single Output
Vin
Cin
12V
24V
100µF
100µF
each 1A
Current
100µF
100µF
External Capacitor Table (table 1)
All the CTDD3220DF-S1.5K-6M Series have been tested according to the following recommended testing circuit before
leaving factory. This series should be tested under load. Never be tested under no load (See figure 1 & 2). If you want
to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR.
However, the capacitance should not be too high. (See table 1)
Input Voltage
Range
lp
Input Voltage (V)
Figure 2
Vout
Cout
48V
5V
12V
24V
15V
++
DC
DC
Vin
GND
Cin
Vout
0V
Cout
Figure 1
RECOMMENDED CIRCUIT


Similar Part No. - CTDD3220DF-S1R5K-6M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3M CT-CTDD3220DF-S1R5K-3M Datasheet
277Kb / 2P
   Wide Input Isolated
More results

Similar Description - CTDD3220DF-S1R5K-6M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
   Wide Input Isolated
CTDD3220DF-D1R5K-6M CT-CTDD3220DF-D1R5K-6M Datasheet
282Kb / 2P
   Wide Input Isolated
CTDD5025DF-30M CT-CTDD5025DF-30M Datasheet
443Kb / 2P
   Wide Input Isolated
CTDD2210SF-D1R5K-2 CT-CTDD2210SF-D1R5K-2 Datasheet
269Kb / 2P
   Wide Input Isolated
CTDD3220DF-D1R5K-3M CT-CTDD3220DF-D1R5K-3M Datasheet
276Kb / 2P
   Wide Input Isolated
CTDD2210SF-S1R5K-1 CT-CTDD2210SF-S1R5K-1 Datasheet
275Kb / 2P
   Wide Input Isolated
CTDD3220DF-D1R5K-3 CT-CTDD3220DF-D1R5K-3 Datasheet
276Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3M CT-CTDD3220DF-S1R5K-3M Datasheet
277Kb / 2P
   Wide Input Isolated
logo
Microdc power Technolog...
WRB-YMD-20W MICRODC-WRB-YMD-20W Datasheet
514Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDSingleOutputDC/DCConverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com