Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130094-0216 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130094-0216
Description  Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130094-0216 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130094-0216 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0216
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
Diameter 25.40-31.50mm (1.000-1.240"), Approximate Break Strength 870.90kg (1,920
lbs), Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Double
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678805227
Woodhead
Yes
Physical
Approximate Break Strength
870.90kg (1,920 lbs)
Bale Length
0.127m (5.00")
Body Style
Straight
Cable Diameter
25.40-31.50mm (1.000-1.240")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.38m (15.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35004SS
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130094-0216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0210 MOLEX11-130094-0210 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0211 MOLEX11-130094-0211 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0212 MOLEX11-130094-0212 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0213 MOLEX11-130094-0213 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0214 MOLEX11-130094-0214 Datasheet
34Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
More results

Similar Description - 130094-0216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0228 MOLEX11-130094-0228 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0209 MOLEX11-130094-0209 Datasheet
42Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0219 MOLEX11-130094-0219 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0220 MOLEX11-130094-0220 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0223 MOLEX11-130094-0223 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0224 MOLEX11-130094-0224 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0210 MOLEX11-130094-0210 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0227 MOLEX11-130094-0227 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0213 MOLEX11-130094-0213 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
130094-0229 MOLEX11-130094-0229 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com