Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3093E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3093E
Description  짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3093E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3093E Datasheet HTML 2Page - Maxim Integrated Products MAX3093E Datasheet HTML 3Page - Maxim Integrated Products MAX3093E Datasheet HTML 4Page - Maxim Integrated Products MAX3093E Datasheet HTML 5Page - Maxim Integrated Products MAX3093E Datasheet HTML 6Page - Maxim Integrated Products MAX3093E Datasheet HTML 7Page - Maxim Integrated Products MAX3093E Datasheet HTML 8Page - Maxim Integrated Products MAX3093E Datasheet HTML 9Page - Maxim Integrated Products MAX3093E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Low-Power Quad RS-422/RS-485 Receivers
6
_______________________________________________________________________________________
Pin Description
NAME
FUNCTION
1
A-
Inverting Receiver A Input
2
A+
Noninverting Receiver A Input
PIN
3
YA
Receiver A Output. Enabled when ENAC = high. YA will be logic high if A+ > A- by 200mV, and low if
A+ < A- by 200mV. It will be logic high if A+ and A- remain floating. Otherwise, the state is undetermined.
YA goes high impedance when ENAC = low.
4
ENAC
Receiver Output A and C Enable High. A logic high on this input enables receivers A and C.
8
GND
Ground
7
C-
Inverting Receiver C Input
6
C+
Noninverting Receiver C Input
5
YC
Receiver C Output. Same functionality as YA.
13
YB
Receiver B Output. Same functionality as YD.
12
ENBD
Receiver Output B and D Enable High. A logic high on this input enables receivers B and D.
11
YD
Receiver D Output. Enabled when ENBD = high. YD will be logic high if D+ > D- by 200mV, and low if
D+ < D- by 200mV. It will be a logic high if D+ and D- remain floating. Otherwise, the state is undetermined.
YD goes high impedance when ENBD = low.
10
D+
Noninverting Receiver D Input
9
D-
Inverting Receiver D Input
TIME (200ns/div)
SHUTDOWN TIMING
MAX3093/94E TOC09
MAX3093E
Y VOLTAGE
5V/div
2V/div
2V/div
MAX3094E
Y VOLTAGE
G VOLTAGE
CIRCUIT OF FIGURE 3,
S1 OPEN, S2 CLOSED, S3 = 1V
Typical Operating Characteristics (continued)
(VCC = +5V for MAX3093E, VCC = +3.3V for MAX3094E, TA = +25°C, unless otherwise noted.)
14
B+
Noninverting Receiver B Input
15
B-
Inverting Receiver B Input
16
VCC
Positive Supply


Similar Part No. - MAX3093E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX309 MAXIM-MAX309 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX309 MAXIM-MAX309 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
More results

Similar Description - MAX3093E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com