Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3093E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3093E
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3093E Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Low-Power Quad RS-422/RS-485 Receivers
_______________________________________________________________________________________
5
0
-10
-20
-30
-40
-50
02
1
345
OUTPUT CURRENT vs.
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
MAX3093E
MAX3094E
0
15
10
5
20
25
30
02
1
345
OUTPUT CURRENT vs.
OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
MAX3093E
MAX3094E
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
10
-15
35
60
85
OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX3093E
MAX3094E
IOUT = 8mA
0
1
3
2
4
5
-40
10
-15
35
60
85
OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX3093E
MAX3094E
IOUT = -8mA
70
80
100
90
110
120
-40
10
-15
35
60
85
MAX3093E
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
VID = 3V
CL = 15pF
2.0
2.2
2.6
2.4
2.8
3.0
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
MAX3093E/MAX3094E
0
5
10
15
20
-40
10
-15
35
60
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX3093E
MAX3094E
80
110
100
90
120
130
140
-40
10
-15
35
60
85
MAX3094E
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
VID = 3V
CL = 15pF
Typical Operating Characteristics
(VCC = +5V for MAX3093E, VCC = +3.3V for MAX3094E, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn