Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3093E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX3093E
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3093E Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Low-Power Quad RS-422/RS-485 Receivers
4
_______________________________________________________________________________________
IEC 1000-4-2 Contact Discharge
IEC 1000-4-2 Air-Gap Discharge
Human Body Model
Outputs disabled
No load, outputs enabled
CONDITIONS
±8
±15
kV
±15
ESD Protection
(Note 2)
µA
0.001
10
mA
2.4
4.0
ICC
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DC ELECTRICAL CHARACTERISTICS—MAX3094E (continued)
(VCC = +3.0V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Note 1)
VCC = +3.3V ±5%, TA = TMIN to TMAX
Figure 3
Figure 3
|VID| = 3V, Figure 2, matched conditions
Figure 3
Figure 3
CONDITIONS
Mbps
10
fMAX
Maximum Data Rate
ns
80
180
tHZ
Output Disable Time from
High Level
ns
80
180
tLZ
Output Disable Time from
Low Level
88
98
108
69
123
ns
600
1000
tZH
Output Enable Time to
High Level
ns
600
1000
tZL
Output Enable Time to
Low Level
ns
20
Device-to-Device Propagation-
Delay Matching
82
92
102
78
88
98
69
79
89
103
113
123
91
101
111
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SWITCHING CHARACTERISTICS—MAX3094E
(VCC = +3.0V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground, unless otherwise noted.
Note 2: Receiver inputs (_+, _-).
Figure 2
ns
-1
±10
tSK
Propagation-Delay Skew
(tPLH - tPHL)
TA = +85°C
TA = +25°C
TA = -40°C
TA = +85°C
TA = +25°C
TA = -40°C
RIN
Receiver Input Resistance
-7V
≤ VCM ≤ 12V
k
48
VOL
Receiver Output Low Voltage
IOUT = 2.5mA, VID = -200mV,
output enabled, Figure 1
V
0.4
VCC = 3.60V
VCC = 3.00V
tPLH, tPHL
Input-to-Output Propagation
Delay
ns
TA = +70°C
86
106
TA = +70°C
100
120
|VID| = 3V,
Figure 2
IOSR
Output Short-Circuit Current
0
≤ VOUT ≤ VCC, output enabled
mA
±4
±60
IOZR
Three-State Current at Receiver
Output
0
≤ VOUT ≤ VCC, output disabled
µA
±1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn