Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3093E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX3093E
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3093E Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Low-Power Quad RS-422/RS-485 Receivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—MAX3094E
(VCC = +3.0V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Note 1)
SWITCHING CHARACTERISTICS—MAX3093E
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V, TA = +25°C.)
VCM = 0
-7V
≤ VCM ≤ 12V
IOUT = -1.5mA, VID = 200mV,
output enabled, Figure 1
CONDITIONS
mV
45
mV
-200
200
VTH
Receiver Differential Input
Threshold
Receiver Input Hysteresis
µA
±1
Enable Input Current
(ENAC/ENBD)
V
2.0
VIH
Enable Input High Voltage
(ENAC/ENBD)
V
0.8
VIL
Enable Input Low Voltage
(ENAC/ENBD)
V
VCC - 0.4
VOH
Receiver Output High Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
250
IIN
Receiver Input Current (_+, _-)
VCC = 0 or 3.6V
VIN = 12V
-200
VIN = -7V
Figure 2
ns
-2
±10
|VID| = 3V,
Figure 2
tSK
Propagation-Delay Skew
(tPLH - tPHL)
VCC = +5V ±5%, TA = TMIN to TMAX
VCC = 5.25V
VCC = 4.75V
Figure 3
Figure 3
|VID| = 3V, Figure 2, matched conditions
TA = +85°C
TA = +25°C
TA = -40°C
TA = +85°C
Figure 3
TA = +25°C
Figure 3
CONDITIONS
TA = -40°C
tPLH, tPHL
Input-to-Output Propagation
Delay
ns
TA = +70°C
76
92
TA = +70°C
80
96
Mbps
10
fMAX
Maximum Data Rate
ns
60
100
tHZ
Output Disable Time from
High Level
ns
60
100
tLZ
Output Disable Time from
Low Level
78
86
94
65
98
ns
600
800
tZH
Output Enable Time to
High Level
ns
600
800
tZL
Output Enable Time to
Low Level
ns
16
Device-to-Device Propagation-
Delay Matching
68
76
84
71
79
87
65
73
81
82
90
98
74
82
90
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn