Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3040ESE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3040ESE
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3040ESE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3040ESE Datasheet HTML 5Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 6Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 7Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 8Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 9Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 10Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 11Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 12Page - Maxim Integrated Products MAX3040ESE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
_______________________________________________________________________________________
9
IEC 1000-4-4 Burst/Electrical Fast
Transient Test Levels
(For Communication Lines)
The stresses are applied while the MAX3040–MAX3045
are powered up. Test results are reported as:
1) Normal performance within the specification limits.
2) Temporary degradation or loss of function or perfor-
mance which is self-recoverable.
3) Temporary degradation, loss of function or perfor-
mance requiring operator intervention, such as sys-
tem reset.
4) Degradation or loss of function not recoverable due
to damage.
The MAX3040–MAX3045 meets classification 2 listed
above. Additionally, the MAX3040–MAX3045 will not
latchup during the IEC burst stress events.
Hot-Swap Capability
Hot-Swap Inputs
When circuit boards are plugged into a “hot” back-
plane, there can be disturbances to the differential sig-
nal levels that could be detected by receivers
connected to the transmission line. This erroneous data
could cause data errors to an RS-485/RS-422 system.
To avoid this, the MAX3040–MAX3045 have hot-swap
capable inputs.
When a circuit board is plugged into a “hot” backplane
there is an interval during which the processor is going
through its power-up sequence. During this time, the
processor’s output drivers are high impedance and will
be unable to drive the enable inputs of the
MAX3040–MAX3045 (EN, EN, EN_) to defined logic lev-
els. Leakage currents from these high impedance dri-
vers, of as much as 10µA, could cause the enable
inputs of the MAX3040–MAX3045 to drift high or low.
Additionally, parasitic capacitance of the circuit board
could cause capacitive coupling of the enable inputs to
either GND or VCC. These factors could cause the
enable inputs of the MAX3040–MAX3045 to drift to lev-
els that may enable the transmitter outputs (Y_ and Z_).
To avoid this problem, the hot-swap input provides a
method of holding the enable inputs of the
MAX3040–MAX3045 in the disabled state as VCC
ramps up. This hot-swap input is able to overcome the
leakage currents and parasitic capacitances that may
pull the enable inputs to the enabled state.
Hot-Swap Input Circuitry
In the MAX3040–MAX3045 the enable inputs feature
hot-swap capability. At the input there are two NMOS
devices, Q1 and Q2 (Figure 9). When VCC is ramping
up from 0, an internal 10µs timer turns on Q2 and sets
the SR latch, which also turns on Q1. Transistors Q2, a
700µA current sink, and Q1, an 85µA current sink, pull
EN to GND through a 5.6k
Ω resistor. Q2 is designed to
pull the EN input to the disabled state against an exter-
nal parasitic capacitance of up to 100pF that is trying to
enable the EN input. After 10µs, the timer turns Q2 off
and Q1 remains on, holding the EN input low against
three-state output leakages that might enable EN. Q1
remains on until an external source overcomes the
U = HIGH-VOLTAGE SOURCE
RC = CHARGING RESISTOR
CE = ENERGY STORAGE CAPACITOR
RS = PULSE DURATION SHAPING RESISTOR
RM = IMPEDANCE MATCHING RESISTOR
CD = DC BLOCKING CAPACITOR
SPARK GAP
U
RC
RS
RM
CD
CE
50
COAXIAL
OUTPUT
Figure 7. Simplified Circuit Diagram of a Fast Transient/Burst
Generator
REPETITION PERIOD (DEPENDS ON THE TEST VOLTAGE LEVER,
IN CONFORMITY WITH THE VALUES INDICATED IN 6.1.2).
BURST
BURST DURATION
BURST PERIOD 300ms
PULSE
15ms
Figure 8. General Graph of a Fast Transient Burst


Similar Part No. - MAX3040ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000 MAXIM-MAX3000 Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV++ MAXIM-MAX30001CWV+ Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+T MAXIM-MAX30001CWV+T Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
More results

Similar Description - MAX3040ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com