Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3031ECSE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3031ECSE
Description  짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3031ECSE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3031ECSE Datasheet HTML 6Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 7Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 8Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 9Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 10Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 11Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 12Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 13Page - Maxim Integrated Products MAX3031ECSE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
sents the minimum parasitic capacitance that would
exist in a typical application. In most cases, more
capacitance exists in the system and reduces the mag-
nitude of the glitch. During a “hot-swap” event when the
driver is connected to the line and is powered up, the
driver must not cause the differential signal to drop
below 200mV (Figures 12 and 13).
Operation of Enable Pins
The MAX3030E–MAX3033E family has two enable-func-
tional versions.
The MAX3030E/MAX3031E are compatible with
26LS31, where the two enable signals control all four
transmitters (global enable).
The MAX3032E/MAX3033E are compatible with the
SN75174. EN1&2 controls transmitters 1 and 2, and EN
3&4 controls transmitters 3 and 4 (dual enable).
Typical Applications
The MAX3030E–MAX3033E offer optimum performance
when used with the MAX3094E/MAX3096 3.3V quad
differential line receivers. Figure 14 shows a typical RS-
422 connection for transmitting and receiving data.
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
10
______________________________________________________________________________________
4
µs/div
DO_+
DO_+ - DO_-
DO_-
VCC
1V/div
Figure 12. Differential Power-Up Glitch (0.1V/µs)
1.0
µs/div
DO_+
DO_+ - DO_-
DO_-
VCC
1V/div
Figure 13. Differential Power-Up Glitch (1V/µs)
EN
EN
TX1
TX2
TX3
TX4
MODE
0
0
Active
Active
Active
Active
All transmitters active
0
1
High-Z
High-Z
High-Z
High-Z
All transmitters disabled
1
0
Active
Active
Active
Active
All transmitters active
1
1
Active
Active
Active
Active
All transmitters active
Table 1. MAX3030E/MAX3031E Transmitter Controls
EN1&2
EN3&4
TX1
TX2
TX3
TX4
MODE
0
0
High-Z
High-Z
High-Z
High-Z
All transmitters disabled
0
1
High-Z
High-Z
Active
Active
Tx 3 and 4 active
1
0
Active
Active
High-Z
High-Z
Tx 1 and 2 active
1
1
Active
Active
Active
Active
All transmitters active
Table 2. MAX3032E/MAX3033E Transmitter Controls


Similar Part No. - MAX3031ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3031ECSE MAXIM-MAX3031ECSE Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
More results

Similar Description - MAX3031ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com