Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLMS1503PBF-1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLMS1503PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS1503PBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRLMS1503PBF-1 Datasheet HTML 1Page - International Rectifier IRLMS1503PBF-1 Datasheet HTML 2Page - International Rectifier IRLMS1503PBF-1 Datasheet HTML 3Page - International Rectifier IRLMS1503PBF-1 Datasheet HTML 4Page - International Rectifier IRLMS1503PBF-1 Datasheet HTML 5Page - International Rectifier IRLMS1503PBF-1 Datasheet HTML 6Page - International Rectifier IRLMS1503PBF-1 Datasheet HTML 7Page - International Rectifier IRLMS1503PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRLMS1503PbF-1
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
––– –––
V
VGS = 0V, ID = 250µA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.037 –––
V/°C Reference to 25°C, ID = 1mA
––– ––– 0.100
VGS = 10V, ID = 2.2A ƒ
––– ––– 0.20
VGS = 4.5V, ID = 1.1A ƒ
VGS(th)
Gate Threshold Voltage
1.0 ––– –––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.1 ––– –––
S
VDS = 10V, ID = 1.1A
––– ––– 1.0
VDS = 24V, VGS = 0V
––– –––
25
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -20V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 20V
Qg
Total Gate Charge
––– 6.4
9.6
ID = 2.2A
Qgs
Gate-to-Source Charge
––– 1.1
1.7
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
––– 1.9
2.8
VGS = 10V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
––– 4.6 –––
VDD = 15V
tr
Rise Time
––– 4.4 –––
ID = 2.2A
td(off)
Turn-Off Delay Time
–––
10
–––
RG = 6.0Ω
tf
Fall Time
––– 2.0 –––
RD = 6.7Ω, See Fig. 10 ƒ
Ciss
Input Capacitance
––– 210 –––
VGS = 0V
Coss
Output Capacitance
–––
90
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
32
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.2
V
TJ = 25°C, IS = 2.2A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
36
54
ns
TJ = 25°C, IF = 2.2A
Qrr
Reverse RecoveryCharge
–––
39
58
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
A
18
–––
–––
–––
1.7
–––
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ 2.2A, di/dt ≤ 150A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
„ Surface mounted on FR-4 board, t ≤ 5sec.


Similar Part No. - IRLMS1503PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
   Generation V Technology
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
   GENERATION V TECHNOLOGY
IRLMS1503PBF IRF-IRLMS1503PBF_15 Datasheet
156Kb / 8P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRLMS1503PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com