Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2901 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2901
Description  200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2901 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2901 Datasheet HTML 1Page - Maxim Integrated Products MAX2901 Datasheet HTML 2Page - Maxim Integrated Products MAX2901 Datasheet HTML 3Page - Maxim Integrated Products MAX2901 Datasheet HTML 4Page - Maxim Integrated Products MAX2901 Datasheet HTML 5Page - Maxim Integrated Products MAX2901 Datasheet HTML 6Page - Maxim Integrated Products MAX2901 Datasheet HTML 7Page - Maxim Integrated Products MAX2901 Datasheet HTML 8Page - Maxim Integrated Products MAX2901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
200mW Single-Chip Transmitter ICs for
868MHz/915MHz ISM Bands
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +4.5V, EN = OOKIN = REFEN = high, TA = -40°C to +85°C. Typical values are at VCC = +4.5V, TA = +25°C, unless
otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
-3
σ
TYP
+3
σ
MAX
UNITS
Transmit mode with output
matching optimized for
+17dBm at +3.0V: PWRSET
loaded with 36k
Ω resistor
TA = +25°C75
Transmit mode with output
matching optimized for
+14dBm at +3.0V: PWRSET
loaded with 51k
Ω resistor
TA = +25°C57
Reference-only mode: EN = low
2
3
Supply Current (continued)
PA standby mode: OOKIN = low
(MAX2902/MAX2904 only)
29
33
mA
VCO Input Tuning Pin Current
VTUNE = +4.5V, TA = +25°C
0.02
2
µA
VREG VCO Regulator Voltage
2.0
V
DIGITAL INPUT/OUTPUTS (PINS EN, REFEN, D0, D1, D2, MODIN, OOKIN, LD)
Input Level High
VCC
- 0.5V
V
Input Level Low
0.5
V
Input Bias Current
-10
10
µA
Output Level High
VCC
- 0.4
V
Output Level Low
0.4
V
Output Current
-100
100
µA
ANALOG CONTROL INPUTS (PINS PWRSET, RLPF, VASK)
PWRSET Voltage
1.2
V
RLPF Voltage
1.2
V
VASK Input Impedance
100
220
400
k


Similar Part No. - MAX2901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2901 MAXIM-MAX2901 Datasheet
354Kb / 13P
   Baluns Included for Single-Ended RF Output
Rev 0; 7/02
MAX2901EGI MAXIM-MAX2901EGI Datasheet
416Kb / 19P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 2; 12/07
MAX2901ETI++ MAXIM-MAX2901ETI+ Datasheet
378Kb / 17P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
MAX2901EVKIT** MAXIM-MAX2901EVKIT* Datasheet
354Kb / 13P
   Baluns Included for Single-Ended RF Output
Rev 0; 7/02
More results

Similar Description - MAX2901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2900 MAXIM-MAX2900_V01 Datasheet
378Kb / 17P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
MAX2900 MAXIM-MAX2900_07 Datasheet
416Kb / 19P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 2; 12/07
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
logo
Taoglas antenna solutio...
ILA09 TAOGLAS-ILA09 Datasheet
2Mb / 18P
   ISM 915MHz Chip Antenna
logo
Maxtena Inc.
MPA-716-868 MAXTENA-MPA-716-868 Datasheet
1Mb / 3P
   868MHz ISM passive Patch
REV A
MEA-868-SM MAXTENA-MEA-868-SM Datasheet
432Kb / 3P
   External 868MHz ISM Antenna
REV A
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
   ISM 915MHz Band System
logo
Melexis Microelectronic...
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
   868/915MHz Transmitter
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com