Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2902EGI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2902EGI
Description  200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2902EGI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2902EGI Datasheet HTML 3Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 4Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 5Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 6Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 7Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 8Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 9Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 10Page - Maxim Integrated Products MAX2902EGI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Typical Operating Characteristics (continued)
(MAX290_ EV kits. VCC = +4.5V, fRF = 917.28MHz (MAX2900/MAX2901/MAX2902) or fRF = 868MHz (MAX2903/MAX2904), RRLPF =
68k
Ω, RPWRSET = 22kΩ, VASK = VREG, fREF = 14.56MHz (MAX2900/MAX2901/MAX2902) or fREF = 13.78MHz (MAX2903/MAX2904),
chip rate on MODIN = 1.22 Mbps, RF output matching network optimized for +23dBm, VCC = 4.5V, TA = +25°C, unless
otherwise noted.)
200mW Single-Chip Transmitter ICs for
868MHz/915MHz ISM Bands
_______________________________________________________________________________________
7
RF POWER vs. FREQUENCY
(MAX2903/MAX2904)
FREQUENCY (MHz)
872
868
864
13
14
15
16
17
12
860
876
VCC = +3.6V
VCC = +3.0V
VCC = +2.7V
RF OUTPUT MATCHING
OPTIMIZED FOR +14dBm
OUTPUT AT VCC = +3.0V
OUTPUT SPECTRUM WITH 600kHz
SQUARE WAVE INPUT AT MODIN
30dBm
-70dBm
10dB/div
MKR
917.31MHz
-16.33dBm
CENTER 917.28MHz
SPAN 20MHz
OUTPUT SPECTRUM WITH PN SEQUENCE
AT 1.22MHz AT MODIN
30dBm
-70dBm
10dB/div
MKR
917.35MHz
8.17dBm
CENTER 917.28MHz
SPAN 20MHz
RF OUT RISE AND FALL TIME TRANSIENT
WITH SQUARE OOK
0dBVp-p
-100dBVp-p
10dB/div
Tr
Tf
START 46
µs
STOP 86
µs
RF OUT RISE AND FALL TIME TRANSIENT
WITH SQUARE ASK
22dBVp-p
-78dBVp-p
10dB/div
Tr
Tf
START 45
µs
STOP 85
µs
SPURIOUS LEVEL FROM
DC TO 7TH HARMONIC
MKR
910MHz
23.17dBm
30dBm
-70dBm
10dB/div
START 0Hz
STOP 7GHz
SPURIOUS LEVEL BETWEEN
±50MHz
FROM CARRIER FREQUENCY
30dBm
-70dBm
10dB/div
CENTER 917.28MHz
SPAN 100MHz
TRANSMITTER EFFICIENCY vs. RPWRSET
RPWRSET (k
Ω)
38
34
30
26
22
18
15
20
25
30
35
40
45
10
14
A
B
C
E
F
D
A: VCC = 4.5V, TA = -40
°C
B: VCC = 4.5V, TA = +25
°C
C: VCC = 4.5V, TA = +85
°C
D: VCC = 2.7V, TA = -40
°C
E: VCC = 2.7V, TA = +25
°C
F: VCC = 2.7V, TA = +85
°C


Similar Part No. - MAX2902EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2902EGI MAXIM-MAX2902EGI Datasheet
416Kb / 19P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 2; 12/07
More results

Similar Description - MAX2902EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2900 MAXIM-MAX2900_V01 Datasheet
378Kb / 17P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
MAX2900 MAXIM-MAX2900_07 Datasheet
416Kb / 19P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 2; 12/07
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
logo
Taoglas antenna solutio...
ILA09 TAOGLAS-ILA09 Datasheet
2Mb / 18P
   ISM 915MHz Chip Antenna
logo
Maxtena Inc.
MPA-716-868 MAXTENA-MPA-716-868 Datasheet
1Mb / 3P
   868MHz ISM passive Patch
REV A
MEA-868-SM MAXTENA-MEA-868-SM Datasheet
432Kb / 3P
   External 868MHz ISM Antenna
REV A
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
   ISM 915MHz Band System
logo
Melexis Microelectronic...
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
   868/915MHz Transmitter
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com