Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3558 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3558
Description  45A Integrated PowIRstage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3558 Datasheet(HTML) 3 Page - International Rectifier

  IR3558 Datasheet HTML 1Page - International Rectifier IR3558 Datasheet HTML 2Page - International Rectifier IR3558 Datasheet HTML 3Page - International Rectifier IR3558 Datasheet HTML 4Page - International Rectifier IR3558 Datasheet HTML 5Page - International Rectifier IR3558 Datasheet HTML 6Page - International Rectifier IR3558 Datasheet HTML 7Page - International Rectifier IR3558 Datasheet HTML 8Page - International Rectifier IR3558 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
September 10, 2012 | FINAL DATASHEET
3
IR3558
45A Integrated PowIRstage®
FUNCTIONAL BLOCK DIAGRAM
OT#
PWM
6
7
8
9
10
11
12
13
16
17
18
19
VIN
VIN
VIN
VIN
SW
SW
SW
SW
SW
SW
SW
SW
27
14
15
PGND
PGND
PGND
20
BOOST
Power-on
Reset
(POR),
PWM
Mode,
Reference,
and
Dead-time
Control
22
OTSET
26
LVCC
1
EN
23
5
28
GATEL
GATEL
Driver
Driver
21
24
LGND
25
MODE
Thermal
Detection
VCC
4
PGND
IR3558
3
HVCC
2
VCC
Figure 5: IR3558 Functional Block Diagram


Similar Part No. - IR3558

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3558 IRF-IR3558 Datasheet
796Kb / 21P
   The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
IR3558MTRPBF IRF-IR3558MTRPBF Datasheet
796Kb / 21P
   The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
More results

Similar Description - IR3558

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
IR3556 IRF-IR3556_15 Datasheet
81Kb / 1P
   50A Integrated PowIRstage
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
   20A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
   40A Integrated PowIRstage
IR3552 IRF-IR3552_15 Datasheet
1Mb / 23P
   40A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com