Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2193L Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2193L
Description  FOCUS & SRS AUDIO PROCESSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2193L Datasheet(HTML) 5 Page - New Japan Radio

  NJM2193L Datasheet HTML 1Page - New Japan Radio NJM2193L Datasheet HTML 2Page - New Japan Radio NJM2193L Datasheet HTML 3Page - New Japan Radio NJM2193L Datasheet HTML 4Page - New Japan Radio NJM2193L Datasheet HTML 5Page - New Japan Radio NJM2193L Datasheet HTML 6Page - New Japan Radio NJM2193L Datasheet HTML 7Page - New Japan Radio NJM2193L Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJM2193
- 5 -
s TERMINAL DESCRIPTION
PIN NO.
SYMBOL
EQUIVALENT CIRCUIT
TERMINAL VOLTAGE
1
2
5
6
25
26
29
30
SRSINR
WIDTHR
FOCUSINR1
FOCUSINR2
FOCUSINL2
FOCUSINL1
WIDTHL
SRSINL
4
12
14
19
27
SRSOUTR
FOCUSOUTR
VREF
FOCUSOUTL
SRSOUTL
VREF(14pin)=1/2V+
17
18
MODE2
MODE1
13
REFIN
1/2V+
V+
V+
150k
V+
50k
50k
V+


Similar Part No. - NJM2193L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190D NJRC-NJM2190D Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190M NJRC-NJM2190M Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190V NJRC-NJM2190V Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
More results

Similar Description - NJM2193L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2189 NJRC-NJM2189 Datasheet
340Kb / 11P
   SRS A/V Focus SPEAKER ELEVATION AUDIO PROCESSOR
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2195 NJRC-NJM2195 Datasheet
344Kb / 17P
   SRS WOW AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJW1180 NJRC-NJW1180 Datasheet
344Kb / 15P
   Audio Processor with SRS WOW
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
logo
Mitsubishi Electric Sem...
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
logo
New Japan Radio
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com