Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR3553 Datasheet(PDF) 19 Page - International Rectifier

Part No. IR3553
Description  40A Integrated PowIRstage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 19 Page - International Rectifier

Back Button IR3553 Datasheet HTML 14Page - International Rectifier IR3553 Datasheet HTML 15Page - International Rectifier IR3553 Datasheet HTML 16Page - International Rectifier IR3553 Datasheet HTML 17Page - International Rectifier IR3553 Datasheet HTML 18Page - International Rectifier IR3553 Datasheet HTML 19Page - International Rectifier IR3553 Datasheet HTML 20Page - International Rectifier IR3553 Datasheet HTML 21Page - International Rectifier IR3553 Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
19
IR3553
40A Integrated PowIRstage®
SOLDER RESIST
 The solder resist should be pulled away from
the metal lead lands by a minimum of 0.06mm.
The solder resist miss-alignment is a maximum
of 0.05mm and it is recommended that the low
power signal lead lands are all Non Solder Mask
Defined (NSMD). Therefore pulling the S/R
0.06mm will always ensure NSMD pads.
 The minimum solder resist width is 0.13mm
typical.
 At the inside corner of the solder resist where
the lead land groups meet, it is recommended
to provide a fillet so a solder resist width of ≥
0.17mm remains.
 The dimensions of power land pads, VIN, PGND,
TGND and SW, are Non Solder Mask Defined
(NSMD). The equivalent PCB layout becomes
Solder Mask Defined (SMD) after power shape
routing.
 Ensure that the solder resist in-between the lead
lands and the pad land is ≥ 0.15mm due to the
high aspect ratio of the solder resist strip
separating the lead lands from the pad land.
Figure 34: Solder resist
* Contact International Rectifier to receive an electronic PCB Library file in Cadence Allegro or CAD DXF/DWG format.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn