Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR3553 Datasheet(PDF) 18 Page - International Rectifier

Part No. IR3553
Description  40A Integrated PowIRstage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 18 Page - International Rectifier

Back Button IR3553 Datasheet HTML 14Page - International Rectifier IR3553 Datasheet HTML 15Page - International Rectifier IR3553 Datasheet HTML 16Page - International Rectifier IR3553 Datasheet HTML 17Page - International Rectifier IR3553 Datasheet HTML 18Page - International Rectifier IR3553 Datasheet HTML 19Page - International Rectifier IR3553 Datasheet HTML 20Page - International Rectifier IR3553 Datasheet HTML 21Page - International Rectifier IR3553 Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
18
IR3553
40A Integrated PowIRstage®
METAL AND COMPONENT PLACEMENT
 Lead land width should be equal to nominal part
lead width. The minimum lead to lead spacing
should be ≥ 0.2mm to prevent shorting.
 Lead land length should be equal to maximum
part lead length +0.15 - 0.3 mm outboard
extension and 0 to + 0.05mm inboard extension.
The outboard extension ensures a large and
visible toe fillet, and the inboard extension will
accommodate
any
part
misalignment
and
ensure a fillet.
 Center pad land length and width should be
equal to maximum part pad length and width.
 Only 0.30mm diameter via shall be placed in the
area of the power pad lands and connected to
power planes to minimize the noise effect on the
IC and to improve thermal performance.
23
16
17
18
19
20
21
22
25
24
5
4
3
2
1
11
10
9
8
15
14
13
12
7
6
Figure 33: Metal and component placement
* Contact International Rectifier to receive an electronic PCB Library file in Cadence Allegro or CAD DXF/DWG format.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn