Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3552 Datasheet(PDF) 19 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 19 Page - International Rectifier

Back Button IR3552 Datasheet HTML 15Page - International Rectifier IR3552 Datasheet HTML 16Page - International Rectifier IR3552 Datasheet HTML 17Page - International Rectifier IR3552 Datasheet HTML 18Page - International Rectifier IR3552 Datasheet HTML 19Page - International Rectifier IR3552 Datasheet HTML 20Page - International Rectifier IR3552 Datasheet HTML 21Page - International Rectifier IR3552 Datasheet HTML 22Page - International Rectifier IR3552 Datasheet HTML 23Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
19
SOLDER RESIST
• The solder resist should be pulled away
from the metal lead lands by a minimum
of 0.06mm. The solder resist miss-alignment
is
a
maximum
of
0.05mm
and
it
is
recommended that the low power signal lead
lands are all Non Solder Mask Defined
(NSMD). Therefore pulling the S/R 0.06mm
will always ensures NSMD pads.
• The minimum solder resist width is 0.13mm
typical.
• At the inside corner of the solder resist
where the lead land groups meet, it is
recommended to provide a fillet so a solder
resist width of ≥ 0.17mm remains.
• The power land pads VIN, PGND, and SW
should be Solder Mask Defined (SMD).
• Ensure that the solder resist in-between the
lead lands and the pad land is ≥ 0.15mm due
to the high aspect ratio of the solder resist
strip separating the lead lands from the pad
land.
Figure 33: IR3552 Solder Resist


Similar Part No. - IR3552

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
   60A Integrated PowIRstage짰
IR3550 IRF-IR3550 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3550MPBF IRF-IR3550MPBF Datasheet
837Kb / 22P
   60A Integrated PowIRstage짰
IR3550MTRPBF IRF-IR3550MTRPBF Datasheet
837Kb / 22P
   60A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
More results

Similar Description - IR3552

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
   40A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
   40A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
   45A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3556 IRF-IR3556_15 Datasheet
81Kb / 1P
   50A Integrated PowIRstage
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
   20A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com