Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLVD3244 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74CBTLVD3244
Description  8-bit level-shifting bus switch with 4-bit output enables
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLVD3244 Datasheet(HTML) 4 Page - NXP Semiconductors

  74CBTLVD3244_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74CBTLVD3244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 16 December 2011
4 of 20
NXP Semiconductors
74CBTLVD3244
8-bit level-shifting bus switch with 4-bit output enables
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
(1) This is not a supply pin, the substrate is attached to this pad using conductive die attach material. There is no electrical or
mechanical requirement to solder this pad however if it is soldered the solder land should remain floating or be connected to
GND.
Fig 5.
Pin configuration for DHVQFN20 (SOT764-1)
2OE
1B1
2A4
1B2
2A3
1B3
2A2
1B4
Transparent top view
terminal 1
index area
74CBTLVD3244
19
18
17
16
15
14
13
12
9
8
7
6
5
4
3
2
1A1
2B4
1A2
2B3
1A3
2B2
1A4
2B1
GND(1)
aaa-000027
Table 2.
Pin description
Symbol
Pin
Description
1OE, 2OE
1, 19
output enable input (active LOW)
1A1 to 1A4
2, 4, 6, 8
data input/output (A port)
2B1 to 2B4
9, 7, 5, 3
data input/output (A port)
GND
10
ground (0 V)
2A1 to 2A4
11, 13, 15, 17
data input/output (B port)
1B1 to 1B4
18, 16, 14, 12
data input/output (B port)
VCC
20
positive supply voltage
Table 3.
Function selection[1]
Input
Input/output
nOE
nAn, nBn
LnAn = nBn
HZ


Similar Part No. - 74CBTLVD3244_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLVD3244BQ NEXPERIA-74CBTLVD3244BQ Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3244PW NEXPERIA-74CBTLVD3244PW Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
More results

Similar Description - 74CBTLVD3244_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBTD3384 PHILIPS-CBTD3384 Datasheet
109Kb / 12P
   10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
CBTD3384 PHILIPS-CBTD3384_15 Datasheet
136Kb / 17P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 8-12 December 2012
logo
Nexperia B.V. All right...
CBTD16210 NEXPERIA-CBTD16210 Datasheet
201Kb / 11P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com