Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AXP2G14 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AXP2G14
Description  Low-power dual Schmitt trigger inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP2G14 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AXP2G14_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 9Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 10Page - NXP Semiconductors 74AXP2G14_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AXP2G14
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 9 October 2014
7 of 16
NXP Semiconductors
74AXP2G14
Low-power dual Schmitt trigger inverter
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The data input (nA) to output (nY) propagation delays
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
0.75 V to 2.7 V
0.5VCC
VCC
 3.0 ns
0.5VCC
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 2.7 V
(2) Typical: Tamb = 25 C; VCC = 2.5 V
(3) Maximum: VCC = 2.3 V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.95 V
(2) Typical: Tamb = 25 C; VCC = 1.8 V
(3) Maximum: VCC = 1.65 V
Fig 8.
Additional tpd versus load capacitance
Fig 9.
Additional tpd versus load capacitance


Similar Part No. - 74AXP2G14_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2G14GM NEXPERIA-74AXP2G14GM Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
74AXP2G14GN NEXPERIA-74AXP2G14GN Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
74AXP2G14GS NEXPERIA-74AXP2G14GS Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
74AXP2G14GX NEXPERIA-74AXP2G14GX Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
More results

Similar Description - 74AXP2G14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com