Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2700ECM Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2700ECM
Description  1.8GHz to 2.5GHz Direct Downconversion Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2700ECM Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2700ECM Datasheet HTML 1Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 2Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 3Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 4Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 5Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 6Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 7Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 8Page - Maxim Integrated Products MAX2700ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General Description
The MAX2700/MAX2701 are highly integrated direct
downconversion (zero-IF) receivers designed for wide-
band wireless local loop (WLL) systems operating in
the 1.8GHz to 2.5GHz band. The MAX2700/MAX2701s’
zero-IF architecture eliminates the need for IF down-
conversion stages and the use of an IF SAW filter. This
reduces the overall receiver cost by reducing the com-
ponent count and required board space.
The MAX2700/MAX2701 have three main blocks: low-
noise amplifier (LNA), quadrature downconverter, and
baseband variable gain amplifiers (VGAs). The LNA is
a single-ended amplifier with selectable gain and shut-
down options. It provides a high input third-order inter-
cept point (IP3), which reduces cross-modulation and
gain compression due to high-level RF interference.
The quadrature downconverter section consists of two
highly linear double-balanced mixers driven by an
external local oscillator (LO) with a selectable LO dou-
bler. The double-balanced mixers are optimized to pro-
vide high input IP3 and minimum added noise. The
mixers’ high input second-order intercept point (IIP2)
helps minimize receiver desensitization due to high-
level AM-modulated interferers.
The two baseband VGAs in each channel provide 80dB
of total maximum gain and greater than 60dB of gain
control. The first AGC amplifier is optimized for low
noise, low power dissipation, and high linearity over the
entire gain range to ensure high gain compression per-
formance. An external lowpass filter between baseband
VGAs provides the required channel selectivity at the
adjacent channel. An integrated gain offset correction
loop circuit provides <0.3dB amplitude mismatch
between the I and Q channels.
The MAX2700/MAX2701 operate from a single +2.7V to
+3.3V power supply, drawing only 165mA of supply
current and 20µA in shutdown mode. Both devices are
available in small 48-pin TQFP packages with exposed
paddle (EP) for optimum high-frequency performance.
________________________Applications
Wireless Local Loop
Wideband Direct-Sequence Spread-Spectrum
Systems
Two-Way MMDS
Wideband 2.4GHz ISM Radios
Digital Microwave Radios
Features
o Input Frequency Range
1.8GHz to 2.1GHz (MAX2700)
2.1GHz to 2.5GHz (MAX2701)
o Cascaded Performance at 1960 MHz
3.5dB Noise Figure
-7.5dBm Input IP3 at Maximum Gain
o LNA with Selectable Gain and Shutdown Option
o High Linearity Direct I/Q Downconverter
o Wideband LO Quadrature Generator
o 3dB Baseband Channel Bandwidth of At Least
56MHz
o Variable Gain Baseband Amplifiers with >60dB
Control Range
o Baseband Gain Offset Correction Loop
o +2.7V to +3.3V Single-Supply Operation
o Small 48-pin TQFP-EP Package
1.8GHz to 2.5GHz Direct Downconversion
Receivers
________________________________________________________________ Maxim Integrated Products
1
IIN2-
DCI2+
DCI2-
IOUT2
GND
RFIN-
RFIN+
VCC
QOUT2
DCQ2-
DCQ2+
QIN2-
CEXT-
CEXT+
VCC
X2_EN
GND
LNAIN
GND
GND
GAIN_SET
SHDN
AGC
VCC
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TQFP-EP
MAX2700
MAX2701
TOP VIEW
Pin Configuration
19-1667; Rev 0; 4/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX2700ECM
-40°C to 85°C
48 TQFP-EP
MAX2701ECM
-40°C to 85°C
48 TQFP-EP


Similar Part No. - MAX2700ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX270 MAXIM-MAX270 Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
MAX270CPP MAXIM-MAX270CPP Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
MAX270CWP MAXIM-MAX270CWP Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
MAX270EPP MAXIM-MAX270EPP Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
MAX270EWP MAXIM-MAX270EWP Datasheet
501Kb / 16P
   Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
More results

Similar Description - MAX2700ECM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
   2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_1 Datasheet
186Kb / 10P
   2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com