Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AXP1G04 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AXP1G04
Description  Low-power inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G04 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AXP1G04_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AXP1G04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 25 August 2014
4 of 17
NXP Semiconductors
74AXP1G04
Low-power inverter
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+3.3
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+3.3
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
[1]
0.5
+3.3
V
IO
output current
VO =0 VtoVCC
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +85 C-
250
mW
Table 6.
Operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.7
2.75
V
VI
input voltage
0
2.75
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
2.75
V
Tamb
ambient temperature
40
+85
C
t/V
input transition rise and fall rate
VCC = 0.7 V to 2.75 V
0
200
ns/V


Similar Part No. - 74AXP1G04_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G04GM NEXPERIA-74AXP1G04GM Datasheet
796Kb / 17P
   Low-power inverter
74AXP1G04GN NEXPERIA-74AXP1G04GN Datasheet
796Kb / 17P
   Low-power inverter
74AXP1G04GS NEXPERIA-74AXP1G04GS Datasheet
796Kb / 17P
   Low-power inverter
74AXP1G04GX NEXPERIA-74AXP1G04GX Datasheet
796Kb / 17P
   Low-power inverter
More results

Similar Description - 74AXP1G04_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
   Low-power inverter
Rev. 03-5 November 2009
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
   Low-power inverter
Rev. 7-27 June 2012
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
Nexperia B.V. All right...
74AXP1G04 NEXPERIA-74AXP1G04 Datasheet
796Kb / 17P
   Low-power inverter
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
logo
NXP Semiconductors
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com