Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KVM-0223 Datasheet(PDF) 1 Page - Level One

Part No. KVM-0223
Description  2-Port Cable KVM Switch, VGA, USB, Audio
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

KVM-0223 Datasheet(HTML) 1 Page - Level One

  KVM-0223 Datasheet HTML 1Page - Level One KVM-0223 Datasheet HTML 2Page - Level One KVM-0223 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KVM-0223 하드웨어 버전: 2
2-Port Cable KVM Switch, VGA, USB, Audio
The LevelOne KVM-0223 USB Cable KVM Switch offers users a high resolution VGA video interface and eliminates
connection headaches with two sets of fixed USB KVM & Audio / Mic combo cables. A wired QuickSwitch! button
further enhances the user’s experience by switching from one computer to another with just the touch of a button.The
LevelOne KVM-0223 also supports switching client software with both Windows and Mac OS supported. LevelOne
freeware can be installed on networked computers for intuitive menu-driven switching action. A desktop icon displays
which port is currently active, giving users an easy interface with the devices, an LED display provides easy status
monitoring and keyboard hotkeys offer even more convenience with a third way of switching between devices.The two
USB 2.0 keyboard and mouse ports are transparent USB hub ports that feature full driver support for advanced
keyboard/mouse action. In addition, they can also be connected to other high-speed devices such as USB disk storage.
Key Features
- 하나의 USB 키보드, 마우스, 모니터를 사용하여 2 대의 컴퓨터 제어 및 관리
- 1 x wired QuickSwitch! Button for instant switching
- 2 x fixed VGA USB KVM audio/mic combo cables
- Windows and Mac switching software support
- USB 2.0 hub ports for keyboard, mouse or other high-speed USB devices
- VGA analog video up to 2048 x 1536 pixels
- Independent/simultaneous switching of PC and audio/mic channel
- User-definable hotkeys and universal hotkey for computer switching
- LED display for easy status monitoring
www.level1.com
Page 1 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn