Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KVM-0223 Datasheet(PDF) 3 Page - Level One

Part No. KVM-0223
Description  2-Port Cable KVM Switch, VGA, USB, Audio
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo 

KVM-0223 Datasheet(HTML) 3 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions (W x D x H mm):
87 x 59 x 25 mm
Weight (g):
360 g
Others
Approval and Compliance:
CE, FCC
도표
Order Information
KVM-0223
Package Contents
KVM-0223
Quick Installation Guide
Resource CD (User Manual, Utility, Driver)
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 3 of 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn