Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KVM-0223 Datasheet(PDF) 2 Page - Level One

Part No. KVM-0223
Description  2-Port Cable KVM Switch, VGA, USB, Audio
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo 

KVM-0223 Datasheet(HTML) 2 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
관련 제품
KVM-0221
2-Port USB KVM Switch with Audio
제품사양
System Specifications
Standards & Protocols:
Windows Vista/7/8/2003, Mac, Linux
Connectors and Cabling:
PC Port:
USB: 2 x Type A USB Connectors
Video: 2 x VGA (male)
Speaker: 2 x Stereo speaker plugs
Microphone: 2 x Mono microphone plugs
KVM Body: 2 x Video Connector (male)
Console Port:
Keyboard/Mouse: 2 x Type A USB Connectors (female)
Video: 1 x VGA (female)
Speaker: 1 x Stereo speaker jack
Microphone: 1 x Mono microphone jack
Button:
display switch button
Indicator:
Green for PC Selection
Resolution:
Resolution:2048 x 1536
Cable Length 0.9 M
Power:
Power Input: By PC USB Power
Features
General:
Keyboard: 105 key usb keyboard
Management:
USB Keyboard Hot Key and Push button
Environment
Temperature (°C):
Operating: 0°C ~ 40°C
Storage: - 20°C ~ 60°C
Humidity (Non-condensing):
Storage: 0% ~ 90%
Operating: 0% ~ 90%
Physical Specifications
www.level1.com
Page 2 of 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn