Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2656EXT-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2656EXT-T
Description  1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2656EXT-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2656EXT-T Datasheet HTML 1Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2656EXT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1575MHz/1900MHz Variable-IP3
Low-Noise Amplifiers
AC ELECTRICAL CHARACTERISTICS (MAX2656)
(MAX2656 Evaluation Kit, VCC = +3V, PIN = -30dBm, fIN = 1960MHz, VRFOUT = GND through a 12k
Ω resistor, RBIAS = 511Ω ±1%, TA
= +25°C. Typical values are at VCC = +3V, TA = +25°C, unless otherwise noted.) (Note 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Frequency Range (Note 7)
1800
2000
MHz
Gain, High-Gain Mode
(Note 11)
12
13.5
dB
Gain, Low-Gain Mode
(Note 12)
0.8
dB
Gain Variation Over Temperature
TA = -40°C to +85°C
0.3
1.2
dB
Gain Step
12.7
dB
RBIAS = 511
Ω ± 1%
1.5
RBIAS = 715
Ω ± 1%
-3
Input Third-Order Intercept Point
(Note 13)
Low-gain mode (Note 12)
7.2
dBm
High-gain mode (Note 11)
-7
Input 1dB Compression Point
Low-gain mode (Note 12)
-1.2
dBm
High-gain mode (Note 11)
1.9
2.4
Noise Figure (Note 10)
Low-gain mode (Note 12)
10.8
dB
High-gain mode (Note 11)
14.4
Input Return Loss
Low-gain mode (Note 12)
19.3
dB
High-gain mode (Note 11)
10.7
Output Return Loss
Low-gain mode (Note 12)
7.3
dB
High-gain mode (Note 11)
28
Reverse Isolation
Low-gain mode (Note 12)
25
dB
Gain Step Response Time
3.2
µs
Note 1:
Devices are production tested at TA = +25°C. Minimum and maximum values are guaranteed by design and characteriza-
tion over temperature and supply voltages to ±6 sigma.
Note 2:
Minimum DC voltage through a 10k
Ω resistor that sets the MAX2654/MAX2655 to operate in normal mode and MAX2656 in
low-gain mode.
Note 3:
Maximum DC voltage through a 10k
Ω resistor that sets the MAX2654/MAX2655 to operate in shutdown mode and
MAX2656 in high-gain mode.
Note 4:
DC current required when VRFOUT is connected to VCC through a 10k
Ω resistor.
Note 5:
DC current required when VRFOUT is connected to GND through a 10k
Ω resistor.
Note 6:
Guaranteed by design and characterization to ±3 sigma.
Note 7:
The part has been characterized at the specified frequency range. Operation outside of this range is possible, but not
guaranteed.
Note 8:
Production tested at TA = +25°C.
Note 9:
Measured with two input tones, f1 = 1570MHz, f2 = 1580MHz, both at -30dBm per tone.
Note 10: Excludes PC board losses of 0.2dB for MAX2654/MAX2655 and 0.25dB for MAX2656.
Note 11: High-gain mode is set up by connecting RFOUT to GND through a 12k
Ω resistor.
Note 12: Low-gain mode is set up by connecting RFOUT to VCC through a 12k
Ω resistor.
Note 13: Measured with two input tones, f1 = 1955MHz, f2 = 1965MHz, both at -30dBm per tone.
4
______________________________________________________________________________________


Similar Part No. - MAX2656EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2656EVKIT MAXIM-MAX2656EVKIT Datasheet
353Kb / 9P
   2.7V to 5.5V Single-Supply Operation Evaluation Kits
Rev 0; 1/01
More results

Similar Description - MAX2656EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
logo
Analog Devices
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com