Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITA-3630-01A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ITA-3630-01A1E
Description  Intel짰 3rd Generation Core??i Processor Fanless System for Road Surveillance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ITA-3630-01A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ITA-3630-01A1E Datasheet HTML 1Page - Advantech Co., Ltd. ITA-3630-01A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ITA-3630
Packing List
Part No.
Description
-
1 x ITA-3630
2062363000
1 x Driver CD
200K363000
1 x Startup manual
1960059401N001
2 x Supporting-angels
1652002205
1 x 2-pin Terminal Block
Ordering Information
Any other Gen2/Gen3 CPU type request, please consult your distributor or sales representative.
Part number
CPU (BGA)
Onboard Memory
2.5" HDD Tray
CF Tray
USB Dongle Bay
Ethernet
COM
ITA-3630-00A1E
i5-3610ME
4GB DDR3
2
No
Yes
2
2
ITA-3630-01A1E
i5-3610ME
4GB DDR3
1
Yes
Yes
2
2
ITA-3630-40A1E
Celeron 1020e
4GB DDR3
2
No
Yes
2
2
ITA-3630-70A1E
i7-3555LE
4GB DDR3
1
Yes
Yes
2
2
ITA-3630-30A1E
i3-3210ME
4GB DDR3
2
No
Yes
2
2
Optional Accessory
Part No.
Description
1757003659
ADAPTER 100-240V 65W 19V 3.42A
1700001947
Power Cord 2P USA 7A 125V 1.8M
1700001948
Power Cord 2P Europe 2.5A 250V 1.8M
1700001949
Power Cord 2P UK 2.5A/3A 250V 1.8M
1700019592
Parallel cable/D-SUB 25P(F)/IDE#2 26P-2.0 15cm
1700020692-01
LVDS cable/D-SUB 26P(F)/2*20P-1.25 15cm
I/O Front View
I/O Rear View
Reserved for I/O interface which can be directly
converted via cable (Such as: LPT/LVDS/COM…)
PS2
HDMI
USB2.0 x 4
Audio
DC input
COM x 2
Bracket with 2 x USB2.0 Interface
Easy-swap CF/DOM module
Power Switch
DIO
LAN x 2
VGA
USB3.0 x 2
Dimensions
Unit: mm
234.00
253.00
R5.00
75.60
2.5HDD


Similar Part No. - ITA-3630-01A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITA-3630-01A1E ADVANTECH-ITA-3630-01A1E Datasheet
1,018Kb / 2P
   Intel 3rd Generation Core i Processor Fanless System for Road Surveillance
More results

Similar Description - ITA-3630-01A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITA-3630VS-00A1E ADVANTECH-ITA-3630VS-00A1E Datasheet
965Kb / 3P
   Intel짰 3rd Generation Core??i Processor Fanless Intelligent Video System for Road Surveillance
ITA-3630 ADVANTECH-ITA-3630 Datasheet
1,018Kb / 2P
   Intel 3rd Generation Core i Processor Fanless System for Road Surveillance
ARK-5420 ADVANTECH-ARK-5420_15 Datasheet
882Kb / 2P
   Intel짰 3rd Generation Core??i Processor Fanless System with PCIEx4 & PCI Slot
ARK-5420VS ADVANTECH-ARK-5420VS_15 Datasheet
1,013Kb / 3P
   Intel짰 3rd Generation Core??i Processor Fanless System with PCIEx4 & PCI Slot
ARK-5420 ADVANTECH-ARK-5420 Datasheet
1Mb / 2P
   Intel 3rd Generation Core i Processor Fanless System with PCIEx4
ITA-5730 ADVANTECH-ITA-5730 Datasheet
915Kb / 2P
   3rd Generation Intel Core i Fanless System
ITA-5730-00A1E ADVANTECH-ITA-5730-00A1E Datasheet
740Kb / 2P
   Intel짰 3rd Generation Core??i Processor Fanless System EN 50155 Certified Product for Railway Applications
ITA-5831 ADVANTECH-ITA-5831 Datasheet
806Kb / 2P
   Intel 6th Generation Core i Processor Fanless System
logo
Intel Corporation
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Advantech Co., Ltd.
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com