Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2620 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2620
Description  10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2620 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2620 Datasheet HTML 3Page - Maxim Integrated Products MAX2620 Datasheet HTML 4Page - Maxim Integrated Products MAX2620 Datasheet HTML 5Page - Maxim Integrated Products MAX2620 Datasheet HTML 6Page - Maxim Integrated Products MAX2620 Datasheet HTML 7Page - Maxim Integrated Products MAX2620 Datasheet HTML 8Page - Maxim Integrated Products MAX2620 Datasheet HTML 9Page - Maxim Integrated Products MAX2620 Datasheet HTML 10Page - Maxim Integrated Products MAX2620 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
10MHz to 1050MHz Integrated
RF Oscillator with Buffered Outputs
_______________________________________________________________________________________
7
_______________Detailed Description
Oscillator
The oscillator is a common-collector, negative-
resistance type that uses the IC’s internal parasitic ele-
ments to create a negative resistance at the base-
emitter port. The transistor oscillator has been opti-
mized for low-noise operation. Base and emitter leads
are provided as external connections for a feedback
capacitor and resonator. A resonant circuit, tuned to
the appropriate frequency and connected to the base
lead, will cause oscillation. Varactor diodes may be
used in the resonant circuit to create a voltage-con-
trolled oscillator (VCO). The oscillator is internally
biased to an optimal operating point, and the base and
emitter leads need to be capacitively coupled due to
the bias voltages present.
Output Buffers
The output buffers (OUT and OUT) are an open-
collector, differential-pair configuration and provide
load isolation to the oscillator. The outputs can be used
differentially to drive an integrated circuit mixer.
Alternatively, isolation is provided between the buffer
outputs when one output drives a mixer (either upcon-
version or downconversion) and the other output drives
a prescaler. The isolation in this configuration prevents
prescaler noise from corrupting the oscillator signal’s
spectral purity.
A logic-controlled SHDN pin turns off all bias to the IC
when pulled low.
__________Applications Information
Design Principles
At the frequency of interest, the MAX2620 portion of
Figure 2 shows the one-port circuit model for the TANK
pin (test port in Figure 1).
For the circuit to oscillate at a desired frequency, the res-
onant tank circuit connected to TANK must present an
impedance that is a complement to the network
(Figure 2). This resonant tank circuit must have a positive
real component that is a maximum of one-half the magni-
tude of the negative real part of the oscillator device, as
well as a reactive component that is opposite in sign to
the reactive component of the oscillator device.
-Rn
LESS THAN 1/2
TIMES RL
-jXT
TANK
jXL
RESONANT
TANK
OSCILLATOR
DEVICE
Figure 2. Simplified Oscillator Circuit Model
MAX2620
1
2
VCC1
TANK
FDBK
SHDN
3
4
8
OUT
VCC2
OUT
GND
7
6
5
VCC
VCC
VCC
VCC
VCC
TEST PORT
BIAS
SUPPLY
C13*
1000pF
C2*
1000pF
ON
OFF
1000pF
1000pF
1000pF
10
10
L3*
220nH
51
C3*
2.7pF
C4*
1pF
1000pF
1000pF
C10*
1000pF
ZO = 50Ω
*AT 10MHz, CHANGE TO:
C3 = C4 = 270pF
L3 = 10
µH
C2 = C10 = C13 = 0.01
µF
ZO = 50Ω
OUT
OUT
Figure 1. 900MHz Test Circuit


Similar Part No. - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620 Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620 MAXIM-MAX2620 Datasheet
55Kb / 4P
   Evaluation Kit
Rev 1; 5/98
MAX2620D MAXIM-MAX2620D Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620E MAXIM-MAX2620E Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
MAX2620EUA MAXIM-MAX2620EUA Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
More results

Similar Description - MAX2620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620_02 Datasheet
234Kb / 11P
   10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
logo
PhaseLink Corporation
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Maxim Integrated Produc...
MAX2471EUT MAXIM-MAX2471EUT Datasheet
120Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
Rev 0; 2/99
MAX2470 MAXIM-MAX2470 Datasheet
115Kb / 8P
   10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
19-4797; Rev 0; 2/99
logo
Abracon Corporation
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
PhaseLink Corporation
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com