Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2611EUS Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2611EUS
Description  DC-to-Microwave, Low-Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2611EUS Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2611EUS Datasheet HTML 1Page - Maxim Integrated Products MAX2611EUS Datasheet HTML 2Page - Maxim Integrated Products MAX2611EUS Datasheet HTML 3Page - Maxim Integrated Products MAX2611EUS Datasheet HTML 4Page - Maxim Integrated Products MAX2611EUS Datasheet HTML 5Page - Maxim Integrated Products MAX2611EUS Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC-to-Microwave, Low-Noise Amplifier
_______________________________________________________________________________________
3
25
0
0.05 0.10
0.30 0.50
1.00
GAIN vs. FREQUENCY
5
10
20
FREQUENCY (GHz)
3.00 6.00
15
TA = -40°C
TA = +85°C
5:1
1:1
0.05 0.10
0.30 0.50
1.00
VOLTAGE STANDING-WAVE RATIO
vs. FREQUENCY
2:1
3:1
4:1
FREQUENCY (GHz)
3.00 6.00
IN
OUT
5
0
0.1
0.2
0.3
0.4 0.5
OUTPUT 1dB COMPRESSION
POINT vs. FREQUENCY
1
2
4
FREQUENCY (GHz)
1.0
2.0
3
TA = -40°C
TA = +85°C
TA = +25°C
7
2
0.1
0.2
0.3 0.4 0.5
NOISE FIGURE vs. FREQUENCY
3
4
6
FREQUENCY (GHz)
1.0
2.0
5
TA = -40°C
TA = +25°C
TA = +85°C
25
0
10
15
20
25
GAIN vs. CURRENT
5
10
20
ID(mA)
30
35
15
0.16GHz
0.5GHz
2.0GHz
1.0GHz
__________________________________________Typical Operating Characteristics
(ID = 16mA, Z0 = 50Ω, fIN = 500MHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2611EUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612 Datasheet
2Mb / 10P
   40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
MAX2612ETA++ MAXIM-MAX2612ETA+ Datasheet
2Mb / 10P
   40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
MAX2612ETA++ MAXIM-MAX2612ETA+ Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
MAX2613ETA++ MAXIM-MAX2613ETA+ Datasheet
2Mb / 10P
   40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
More results

Similar Description - MAX2611EUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2650 MAXIM-MAX2650 Datasheet
53Kb / 6P
   DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
logo
California Eastern Labs
2SC4095 CEL-2SC4095 Datasheet
1Mb / 6P
   MICROWAVE LOW NOISE AMPLIFIER
2SC3585 CEL-2SC3585 Datasheet
1Mb / 5P
   MICROWAVE LOW NOISE AMPLIFIER
2SC3583 CEL-2SC3583 Datasheet
1Mb / 5P
   MICROWAVE LOW NOISE AMPLIFIER
2SC4094 CEL-2SC4094 Datasheet
1Mb / 5P
   MICROWAVE LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585_15 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com