Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAS9280-16I4E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # SAS9280-16I4E
Description  16-Port Internal / 4-Port External PCI Express SATA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SAS9280-16I4E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  SAS9280-16I4E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SAS9280-16I4E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit the Avago Storage by LSI website at: lsi.com
Avago, Avago Technologies, MegaRAID, and the Storage by LSI logo are trademarks of Avago Technologies. All other trademarks are the
property of their respective owners.
Copyright ©2014 Avago Technologies. All rights reserved. > 10.07.14 PB0043.02
Product Brief
MegaRAID® SAS9280-16i4e
Solution Provided
Sixteen-port internal / Four-port external SATA+SAS solution for internal drive storage and external JBOD expansion using up to
240 SAS and/or SATA drives
Physical Dimensions
Half-Length, Full Height (6.6” x 4.376”)
Internal Connectors
Four Mini-SAS SFF8087 4i internal connectors
External Connectors
One Mini-SAS SFF8088 4x external connector
Device Support
Up to 240 SAS and/or SATA drives
Host Bus Type
x8 lane PCI Express 2.0 Compliant
Data Transfer Rates
Up to 6Gb/s per port
I/O Processor/SAS Controller LSI SAS 2108 RAID on Chip (ROC) and LSI SAS 2x36 Expander
Cache Memory
512MB 800MHz DDR II SDRAM
Battery Backup Unit
LSIiBBU07, an intelligent battery backup module option that connects remotely to the RAID controller
Key RAID Data Protection
Features
• RAID levels 0, 1, 5, and 6
• RAID spans 10, 50 and 60
• Online Capacity Expansion (OCE)
• Online RAID Level Migration (RLM)
• Auto resume after loss of system power during arrays array
rebuild or reconstruction (RLM)
• Single controller Multipathing (failover)
• Load Balancing
• Configurable stripe size up to 1MB
• Fast initialization for quick array setup
• Check Consistency for background data integrity
• SafeStoreEncryption Services
–Instant Secure Erase
• SSD Support with SSD GuardPatrol read for media
scanning and repairing
• 64 logical drive support
• DDF compliant Configuration on Disk (COD)
• S.M.A.R.T support
• Global and dedicated Hot Spare with Revertible Hot Spare
support
–Automatic rebuild
–Enclosure affinity
–Emergency SATA hot spare for SAS arrays
• Enclosure management
–SES (inband)
–SGPIO (sideband)
Operating Temperature
Maximum ambient: 60°C (45°C w/iBBU)
Operating Voltage
+3.3V
Warranty
3 years, free advanced technical support, advanced replacement option
Regulatory Certifications
EN55022, EN55024, EN60950, EN 61000-3-2, EN 61000-3-3; FCC Class A, Class B; UL1950; UL; CSA C22.2; VCCI; RRL for MIC; BSMI;
C-tick
RAID Management
MegaRAID Management Suite
– MegaRAID Storage Manager
– MegaCLI (command-line interface)
– WebBIOS
OS Support
Extensive support includes Microsoft® Windows® Vista/2008/Server 2003, Linux®, Solaris(x86), FreeBSD®, VMware® and more.
* Visit the download center for the most complete list of supported operating systems: www.lsi.com/support/
MTBF
919,964 Hours
Ordering Information
LSI00210 (Single-pack)


Similar Part No. - SAS9280-16I4E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9280-24I4E AVAGO-SAS9280-24I4E Datasheet
296Kb / 2P
   24-Port Internal / 4-Port External PCI Express SATA SAS RAID Controller
SAS9280-4I4E AVAGO-SAS9280-4I4E Datasheet
268Kb / 2P
   Four-Port External 6Gb/s PCI Express SATASAS RAID Controller
SAS9280-8E AVAGO-SAS9280-8E Datasheet
287Kb / 2P
   Eight-Port 6Gb/s PCI Express SATA and SAS RAID Controller
More results

Similar Description - SAS9280-16I4E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9280-24I4E AVAGO-SAS9280-24I4E Datasheet
296Kb / 2P
   24-Port Internal / 4-Port External PCI Express SATA SAS RAID Controller
SAS9260-16I AVAGO-SAS9260-16I Datasheet
270Kb / 2P
   16-Port Internal PCI Express SATA and SAS RAID Controller
SAS9280-4I4E AVAGO-SAS9280-4I4E Datasheet
268Kb / 2P
   Four-Port External 6Gb/s PCI Express SATASAS RAID Controller
logo
Renesas Technology Corp
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
   16-Lane 4-Port PCI Express® Switch
March 25, 2008
logo
Integrated Device Techn...
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
   16-Lane 4-Port Gen2 PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-8E AVAGO-SAS9750-8E Datasheet
420Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID
logo
Renesas Technology Corp
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-8I AVAGO-SAS9750-8I Datasheet
535Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID
logo
Renesas Technology Corp
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
logo
AVAGO TECHNOLOGIES LIMI...
PEX8618 AVAGO-PEX8618 Datasheet
735Kb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com