Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-83CDZ Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-83CDZ
Description  CXP Pluggable, Parallel Fiber-Optics Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-83CDZ Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-83CDZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED AFBR-83CDZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
Avago Technologies Confidential
Fiber 1
Rx0
Fiber 12
Rx11
Fiber 24
Tx11
Fiber 13
Tx0
Connector Orientation for 24 fiber MTP/MPO connector
Figure 8. 24-fiber MPO Receptacle
Optical cables with 24-fiber MPO-style connectors on each
end shall be built“Key up/Key down”so that the helix half-
twist incurred when the cable is lugged into transceivers
will correctly connect transmitter lanes to receiver lanes:
lanes 0 to 0 and 11 to 11. MPO-style ‘male” alignment
pins are used in the receptacle and a “female” MPO-style
connector shall be used on the cable connector.
Recommended Power Supply Filter
Figure 9. Recommended Power Supply Filter
Digital Monitoring Interface
Through TWS interface, the host can fetch the monitoring data as summarized in the previous section.
The following table summarizes the function and the specifications.
Digital Monitoring Specifications
Monitor
Parameter
Unit
Tolerance
DMI Range*
Alarm Setting
Comment
min
max
min
max
min
max
Vcc33
volt
-0.1
+0.1
3.135
3.465
2.94
3.63
Test point at module MEG-Array connector
Temperature
C
-5
+5
0
70
-5
75
Case temperature
TX Bias
current
mA
-1
+1
0
11
0.5
10
Note 1
TX Light
Output Power
dB/dBm - 3
+3
-9
+2.4
-11.6
+5.4
at TP2
RX Light Input
Power
dB/dBm - 3
+3
-10
+2.4
-13.5
+3.4
at TP3
DMI on-time
%
-10
+10
* Within DMI range, the tolerance is guaranteed. The modules still reports data if the operating condition is out of the DMI range, but the tolerance
is not guaranteed.
Note
1. TX bias DMI report accuracy not guaranteed when TX squelch is disabled, and LOS is asserted, i.e. no valid electrical inputs into TX.
CXP Module
0.1
µF
10
µF
0.1
µF
10
µF
1
µH
0.1
µF
1
µH
Vcc_host = 3.3 V
GND
GND
Vcc3.3-Rx
Vcc3.3-Tx
10
µF


Similar Part No. - AFBR-83CDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83CDXXZ AVAGO-AFBR-83CDXXZ Datasheet
157Kb / 2P
   10.3 & 12.5 Gbps/Channel
More results

Similar Description - AFBR-83CDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-83EDZ AVAGO-AFBR-83EDZ Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ_15 Datasheet
1Mb / 27P
   CXP Pluggable, Parallel Fiber-Optics Module
AFBR-83PDZ AVAGO-AFBR-83PDZ Datasheet
373Kb / 2P
   12Channel x 10.3125Gbps Transceiver CXP Pluggable, Parallel Fiber-Optics Module
AFBR-775BZ AVAGO-AFBR-775BZ Datasheet
978Kb / 48P
   Pluggable, Parallel-Fiber-Optics
AFBR-79EAPZ AVAGO-AFBR-79EAPZ Datasheet
245Kb / 2P
   Parallel Fiber-Optics Module
AFBR-79EQDZ AVAGO-AFBR-79EQDZ_15 Datasheet
653Kb / 19P
   Parallel Fiber-Optics Module
AFBR-79Q4Z AVAGO-AFBR-79Q4Z Datasheet
748Kb / 2P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
Broadcom Corporation.
AFBR-79Q4Z BOARDCOM-AFBR-79Q4Z Datasheet
881Kb / 19P
   InfiniBand 4x QDR QSFP Pluggable, Parallel Fiber-Optics Module
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
AFBR-89CDDZ AVAGO-AFBR-89CDDZ Datasheet
86Kb / 1P
   QSFP28 Pluggable, Parallel Fiber-Optics Module 100 Gigabit Ethernet Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com