Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AFBR-2CAR01Z Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AFBR-2CAR01Z
Description  10G Ethernet SFP Active Optical Cable (AOC)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

AFBR-2CAR01Z Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Table 2. Contact Description
Contact
Symbol
Function/Description
Notes
1
VeeT
Transmitter Signal Ground
Note 1
2
TX_FAULT
Transmitter Fault (LVTTL-O) – Not used. Grounded inside the module
Note 2
3
TX_DISABLE
Transmitter Disable (LVTTL-I) – High or open disables the transmitter
Note 3
4
SDA
Two Wire Serial Interface Data Line (LVCMOS – I/O)
(same as MOD-DEF2 in INF-8074)
Note 4
5
SCL
Two Wire Serial Interface Clock Line (LVCMOS – I/O)
(same as MOD-DEF1 in INF-8074)
Note 4
6
MOD_ABS
Module Absent (Output), connected to VeeT or VeeR in the module
Note 5
7
RS0
Rate Select 0 - Not used, Presents high input impedance.
8
RX_LOS
Receiver Loss of Signal (LVTTL-O)
Note 2
9
RS1
Rate Select 1 - Not used, Presents high input impedance.
10
VeeR
Receiver Signal Ground
Note 1
11
VeeR
Receiver Signal Ground
Note 1
12
RD-
Receiver Data Out Inverted (CML-O)
13
RD+
Receiver Data Out (CML-O)
14
VeeR
Receiver Signal Ground
15
VccR
Receiver Power + 3.3 V
16
VccT
Transmitter Power + 3.3 V
17
VeeT
Transmitter Signal Ground
Note 1
18
TD+
Transmitter Data In (CML-I)
19
TD-
Transmitter Data In Inverted (CML-I)
20
VeeT
Transmitter Signal Ground
Note 1
Notes:
1. The module signal grounds are isolated from the module case.
2. This is an open collector/drain output that on the host board requires a 4.7 kΩ to 10 kΩ pullup resistor to VccHost. See Figure 2.
3. This input is internally biased high with a 4.7 kΩ to 10 kΩ pullup resistor to VccT.
4. Two-Wire Serial interface clock and data lines require an external pullup resistor dependent on the capacitance load.
5. This is a ground return that on the host board requires a 4.7 kΩ to 10 kΩ pullup resistor to VccHost.
Figure 2. Module edge connector contacts
TOP VIEW
OF BOARD
11
20
10
1
TOWARD
HOST
BOTTOM OF
BOARD AS
VIEWED FROM
TOP THROUGH
BOARD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn