Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AFBR-2CAR01Z Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AFBR-2CAR01Z
Description  10G Ethernet SFP Active Optical Cable (AOC)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

AFBR-2CAR01Z Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2014 Avago Technologies. All rights reserved.
AV02-4397EN - March 21, 2014
Table 11. Optical Fiber Specifications
Parameter
Specification
Tight buffer color
orange, yellow
Tight buffer material
PVC
Tight buffer diameter mm
0.60 ± 0.05
Fiber type
62.5/125 (OFS)
Bandwith:160 MHz.km @ 850 nm
Strength member
Aramid yarns
Jacket color
Orange
Jacket material
PVC
Cable diameter mm
3.0 ± 0.1
Cable weight Kg/km
7.0
Min. bending radius mm
30
Attenuation dB/km
≤ 3.5 at 850 nm
≤1.5 at 1300 nm
Short tension N
120
Short crush N/100mm
500
Operation temperature
°C -20~70
Figure 6. Optical fiber details
Optical ber
Tight layer
Aramid yarns
Jacket
78.7
R30
∅3
13.8
13.65
Figure 5. Bend Radius Definition
Length
Cable Length Tolerance
1 m
+20/-0 cm
2 m
+20/-0 cm
3 m
+20/-0 cm
5 m
+20/-0 cm
7 m
+20/-0 cm
10 m
+20/-0 cm
15 m
+2%/-0 cm
20 m
+2%/-0 cm
Note:
Cable Length is defined as the length of the fiber only
(not including the SFP+ module-ends).
Table 10. SFP+ AOC Cable Assembly Length Tolerances


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn