Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AFBR-2CAR01Z Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AFBR-2CAR01Z
Description  10G Ethernet SFP Active Optical Cable (AOC)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

AFBR-2CAR01Z Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 4. Module drawing
Measurement
Minimum
Maximum
Units
Comments
Insertion
0
18
N
Extraction
0
12.5
N
Retention
90
170
N
No functional damage to device below 90N
Front-1
Top-1
Bottom-1
65
30
2.55±0.1
1.4±0.1
51
8.6±0.1
2±0.1
COLOR TAG
LABEL
Right-1
15.2 Uncompressed
T_CASE REFERENCE POINT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn