Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AFBR-2CAR01Z Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AFBR-2CAR01Z
Description  10G Ethernet SFP Active Optical Cable (AOC)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

AFBR-2CAR01Z Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Table 9. EEPROM Serial ID Memory Contents – Address A0h (Cont.)
Byte #
Decimal
Byte #
Hex
Default Value
(Hex)
Notes
Type
40
28
41
“A” - Vendor Part Number ASCII character
Read-Only
41
29
46
“F” - Vendor Part Number ASCII character
Read-Only
42
2A
42
“B” - Vendor Part Number ASCII character
Read-Only
43
2B
52
“R” - Vendor Part Number ASCII character
Read-Only
44
2C
2D
“-“ - Vendor Part Number ASCII character
Read-Only
45
2D
32
“2” - Vendor Part Number ASCII character
Read-Only
46
2E
43
“C” - Vendor Part Number ASCII character
Read-Only
47
2F
41
“A” - Vendor Part Number ASCII character
Read-Only
48
30
52
“R” - Vendor Part Number ASCII character
Read-Only
49
31
x Cable Length in meters - Vendor Part Number ASCII character
Read-Only
50
32
x Cable Length in meters - Vendor Part Number ASCII character
Read-Only
51
33
5A
“Z” - Vendor Revision Number ASCII character
Read-Only
52
34
20
“ ” - Vendor Part Number ASCII character
Read-Only
53
35
20
“ ” - Vendor Part Number ASCII character
Read-Only
54
36
20
“ ” - Vendor Part Number ASCII character
Read-Only
55
37
20
“ ” - Vendor Part Number ASCII character
Read-Only
56
38
20
“ ” - Vendor Revision Number ASCII character
Read-Only
57
39
20
“ ” - Vendor Revision Number ASCII character
Read-Only
58
3A
20
“ ” - Vendor Revision Number ASCII character
Read-Only
59
3B
20
“ ” - Vendor Revision Number ASCII character
Read-Only
60
3C
04
Compliant to SFF-8431 Limiting = “04h”
Read-Only
61
3D
00
Not Applicable
Read-Only
62
3E
00
Not Used
Read-Only
63
3F
Checksum (Hex LSB Only) Bytes 0-62[2]
Read-Only
64
40
00
Uncooled Laser. Power Level 1 operation (1.0 Watt max). Limiting
receiver output. = “00h”
Read-Only
65
41
12
Tx_Disable implemented & SFP Rx_LOS implemented = “12h”
Read-Only
66
42
00
Not Specified
Read-Only
67
43
00
Not Specified
Read-Only
68-83
44-53
Vendor Serial Number ASCII characters[3]
Read-Only
84-91
54-5B
Vendor Date Code ASCII characters[4]
Read-Only
92
5C
00
No Diagnostics = “00h”
Read-Only
93
5D
00
No Enhanced Options = “00h”
Read-Only
94
5E
00
Unspecified
Read-Only
95
5F
Checksum (Hex LSB Only) Bytes 64-94[2]
Read-Only
96-255
60-FF
00
VENDOR SPECIFIC ID FIELDS
Read-Only
Notes:
1. The IEEE Organizationally Unique Identifier (OUI) assigned to Avago Technologies is 00-17-6A (3 bytes hex).
2. Addresses 63 and 95 are checksums calculated (per SFF-8472) and stored prior to product shipment.
3. Addresses 68-83 specify the AFBR-2CARxxZ ASCII serial number and will vary on a per unit basis.
4. Addresses 84-91 specify the AFBR-2CARxxZ ASCII date code and will vary on a per date code basis.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn