Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AFBR-2CAR01Z Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part No. AFBR-2CAR01Z
Description  10G Ethernet SFP Active Optical Cable (AOC)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

AFBR-2CAR01Z Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Table 9. EEPROM Serial ID Memory Contents – Address A0h
Page A0h only, per SFF-8472 Revision 11.0
Byte #
Decimal
Byte #
Hex
Default Value
(Hex)
Notes
Type
0
0
03
Physical Device SFP/SFP+ = “03h”
Read-Only
1
1
04
Two Wire Serial Interface Function = “04h”
Read-Only
2
2
21
Copper pigtail
Read-Only
3
3
00
Not Applicable
Read-Only
4
4
00
Not Applicable
Read-Only
5
5
00
Not Applicable
Read-Only
6
6
00
Not Applicable
Read-Only
7
7
00
Unspecified
Read-Only
8
8
08
Active cable
Read-Only
9
9
00
Unspecified
Read-Only
10
A
00
Unspecified
Read-Only
11
B
00
Unspecified
Read-Only
12
C
67
10312.5 MB/s nominal rate = “67h”
Read-Only
13
D
00
Rate Select not implemented
Read-Only
14
E
00
Not Applicable
Read-Only
15
F
00
Not Applicable
Read-Only
16
10
00
Not Applicable
Read-Only
17
11
00
Not Applicable
Read-Only
18
12
Link length cable, units of meters (decimal)
Read-Only
19
13
00
Not Applicable
Read-Only
20
14
41
“A” - Vendor Name ASCII character
Read-Only
21
15
56
“V” - Vendor Name ASCII character
Read-Only
22
16
41
“A” - Vendor Name ASCII character
Read-Only
23
17
47
“G” - Vendor Name ASCII character
Read-Only
24
18
4F
“O” - Vendor Name ASCII character
Read-Only
25
19
20
“ “- Vendor Name ASCII character
Read-Only
26
1A
20
“ “- Vendor Name ASCII character
Read-Only
27
1B
20
“ “- Vendor Name ASCII character
Read-Only
28
1C
20
“ “- Vendor Name ASCII character
Read-Only
29
1D
20
“ “- Vendor Name ASCII character
Read-Only
30
1E
20
“ “- Vendor Name ASCII character
Read-Only
31
1F
20
“ “- Vendor Name ASCII character
Read-Only
32
20
20
“ “- Vendor Name ASCII character
Read-Only
33
21
20
“ “- Vendor Name ASCII character
Read-Only
34
22
20
“ “- Vendor Name ASCII character
Read-Only
35
23
20
“ “- Vendor Name ASCII character
Read-Only
36
24
00
Not Used
Read-Only
37
25
00
Hex Byte of Vendor OUI[1]
Read-Only
38
26
17
Hex Byte of Vendor OUI[1]
Read-Only
39
27
6A
Hex Byte of Vendor OUI[1]
Read-Only


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn