Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2323 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2323
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2323 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2323 Datasheet HTML 9Page - Maxim Integrated Products MAX2323 Datasheet HTML 10Page - Maxim Integrated Products MAX2323 Datasheet HTML 11Page - Maxim Integrated Products MAX2323 Datasheet HTML 12Page - Maxim Integrated Products MAX2323 Datasheet HTML 13Page - Maxim Integrated Products MAX2323 Datasheet HTML 14Page - Maxim Integrated Products MAX2323 Datasheet HTML 15Page - Maxim Integrated Products MAX2323 Datasheet HTML 16Page - Maxim Integrated Products MAX2323 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
13
Pin Description
PIN
1
1
2
2
3
3
LNA Bias-Setting Resistor Connection. For nominal bias,
connect a 20k
Ω resistor to ground. The resistor value
controls the LNA’s linearity in high-gain, high-linearity
modes.
RLNA
3
Low-Band LNA Output. Connect a pull-up inductor to
VCC and an external series capacitor as part of the
matching network.
LNAOUTL
2
High-Band LNA Output. Connect a pull-up inductor to
VCC and an external series capacitor as part of the
matching network.
LNAOUTH
1
4
4
4
Logic Output. Indicates mode of operation. VMODEOUT =
high in FM mode.
MODEOUT
5
5
6
7
6
Shutdown Logic Input. See Detailed Description for con-
trol modes.
SHDN
Low-Band RF Input. Requires a blocking capacitor and a
matching network. The capacitor may be used as part of
the matching network.
LNAINL
5
High-Band RF Input. Requires a blocking capacitor and
a matching network. The capacitor may be used as part
of the matching network.
LNAINH
4
6
7
7
Linearity-Select Logic Input. See Detailed Description for
control modes.
LIN
7
8
8
9
9
Low-Frequency LO Input. Used in FM mode on all parts
and in cellular digital mode for MAX2320/MAX2324.
LOLIN
9
Gain-Select Logic Input. See Detailed Description for
control modes.
GAIN
8
Band-Select Logic Input. See Detailed Description for
control modes.
BAND
6
10
10
High-Frequency LO Input. For MAX2321, used in cellular
digital mode and in PCS mode with the doubler active.
For MAX2320/MAX2327, used in PCS mode without the
doubler. For MAX2322, used with or without the doubler.
For MAX2326, used in PCS mode and cellular digital
mode with the divide-by-two.
LOHIN
10
MAX2320
MAX2321
MAX2326
MAX2322
NAME
MAX2324
MAX2327
FUNCTION
8
Cellular-Band Mode Select Logic Input. See Detailed
Description for control modes.
MODE


Similar Part No. - MAX2323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
MAX2323EGI MAXIM-MAX2323EGI Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
MAX2323EVKIT MAXIM-MAX2323EVKIT Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
More results

Similar Description - MAX2323

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com