Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2323EVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2323EVKIT
Description  Triple/Dual-Mode CDMA LNA/Mixers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2323EVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2323EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX2323EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
________________General Description
The MAX2323/MAX2325 are low-noise amplifier (LNA)
plus mixer ICs optimized for code-division multiple-access
(CDMA) applications in both cellular and PCS bands. The
MAX2323 addresses dual-band, triple-mode CDMA appli-
cations by providing switched signal paths for cellular FM,
cellular CDMA, and PCS CDMA. The MAX2325 is a cellu-
lar-band dual-mode version.
To optimize cellular-band dynamic range at minimum cur-
rent, the MAX2323/MAX2325 implement four LNA states:
high gain/high linearity, high gain/low linearity, midgain,
and low gain. In high-gain/high-linearity mode, the
adjustable high-intercept LNA minimizes desensitization in
the presence of a large interfering signal. For the other
gain states, the LNA current is reduced to improve stand-
by time.
The CDMA mixers are designed for high linearity, low
noise, and differential IF outputs, while the FM mixer is
designed for lower current and single-ended output. Each
band is implemented with a separate mixer to optimize
performance for the specific band.
The MAX2323/MAX2325 can also be used in TDMA,
EDGE, and W-CDMA phones.
________________________Applications
Dual-Band, Triple-Mode PCS/Cellular Phones
Dual-Mode Cellular Phones
____________________________Features
o 2.7V Operation
o Dual Band, Triple Mode
o Three LNA Gain Settings (Cellular)
o Two LNA Gain Settings (PCS)
o 18mA in Low-Gain Mode
19.5mA in Paging and Midgain Mode
26.5mA in High-Gain, High-Linearity Mode
16.5mA in FM Mode, High-Gain, Low-Linearity
Mode
o 2.5dB (typ) Cascade Noise Figure
o Adjustable LNA IIP3, +5dBm to +13dBm
o Ultra-Small 28-Pin Package (5mm x 5mm)
Triple/Dual-Mode
CDMA LNA/Mixers
________________________________________________________________ Maxim Integrated Products
1
19-1736; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Pin Configuration/
Functional Diagram
Typical Application Circuits appear at end of data sheet.
MAX2323
25
26
27
28
22
23
24
8
9
10
11
12
13
14
15
16
17
18
19
20
21
1
2
3
4
5
6
7
GND
CLNAIN
SLEEP
G2
G1
PLNAIN
RLNA
CDMA-
GND
BAND
VCC
FMOUT
CDMA+
RBIAS
QFN
TOP VIEW
PART
TEMP. RANGE
PIN- PACKAGE
MAX2323EGI
-40
°C to +85°C
28 QFN
MAX2325EGI
-40
°C to +85°C
28 QFN
MAX2323EVKIT
-40
°C to +85°C
28 QFN
Ordering Information


Similar Part No. - MAX2323EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2323 MAXIM-MAX2323 Datasheet
526Kb / 28P
   Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
More results

Similar Description - MAX2323EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
Maxim Integrated Produc...
MAX2351 MAXIM-MAX2351_04 Datasheet
603Kb / 27P
   Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Rev 3; 1/04
logo
New Japan Radio
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
SYNERGY MICROWAVE CORPO...
CVP-206 SYNERGY-CVP-206 Datasheet
41Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
Marki Microwave
M2-0020 MARKIMICROWAVE-M2-0020 Datasheet
199Kb / 2P
   TRIPLE-BALANCED MIXERS
logo
NXP Semiconductors
SA9504 PHILIPS-SA9504 Datasheet
223Kb / 22P
   Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
1999 Oct 28
logo
SYNERGY MICROWAVE CORPO...
SLD-K5M SYNERGY-SLD-K5M Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com