Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2321EUP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2321EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321EUP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2321EUP Datasheet HTML 5Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 6Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 8Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 9Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 10Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 11Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 12Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
-4
0
-2
6
4
2
12
10
8
14
48
10
6
12141618
CELLULAR-BAND HGHL LNA IIP3
vs. CURRENT
LNA CURRENT (mA)
VCC = 3.6V
VCC = 3V
VCC = 2.7V
-6
-2
-4
2
0
8
6
4
10
48
6
1012141618
PCS-BAND HGHL LNA IIP3
vs. CURRENT
LNA CURRENT (mA)
TA = -40
°C
TA = +85
°C
TA = +25
°C
-4
0
-2
4
2
10
8
6
12
48
6
1012141618
PCS-BAND HGHL LNA IIP3
vs. CURRENT
LNA CURRENT (mA)
VCC = 3.6V
VCC = 3V
VCC = 2.7V
10.0
11.0
10.5
13.0
12.5
12.0
11.5
14.0
14.5
13.5
15.0
611
16
CELLULAR-BAND HGHL MIXER
CONVERSION GAIN vs. CURRENT
MIXER CURRENT (mA)
TA = -40
°C, HIGH SIDE LO
TA = -40
°C, LOW SIDE LO
TA = +25
°C, HIGH SIDE LO
TA = +25
°C, LOW SIDE LO
TA = +85
°C, HIGH SIDE LO
TA = +85
°C, LOW SIDE LO
0
4
2
8
6
12
10
14
-40
-30
-20
-10
PCS-BAND HGHL LNA IIP3
vs. CURRENT
LNA CURRENT (mA)
LGHL
HGHL
HGLL
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
850
860
880
870
890
910
900
CELLULAR-BAND HGHL LNA
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
11.2mA
9mA
7mA
5.6mA
1.10
1.20
1.15
1.30
1.25
1.40
1.35
1.45
850
870
880
860
890
900
910
CELLULAR-BAND HGLL LNA
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
1.4
1.6
1.5
1.8
1.7
1.9
2.0
1920
1960
1940
1980
2000
2020
PCS-BAND HGHL NOISE FIGURE
vs. FREQUENCY
FREQUENCY (MHz)
5.6mA
11.2mA
7mA
1.45
1.60
1.55
1.50
1.65
1.70
1.75
1.80
1.85
1.90
1.95
1920
1940
1960
1980
2020
2000
PCS-BAND HGLL LNA NOISE FIGURE
vs. FREQUENCY
FREQUENCY (MHz)


Similar Part No. - MAX2321EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Similar Description - MAX2321EUP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com