Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4921 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N4921
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N4921 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N4921_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N4921_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N4921_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N4921 2N4922 2N4923
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N4921
40
2N4922
60
VCEO
Collector-emitter
sustaining voltage
2N4923
IC=0.1A; IB=0
80
V
VCEsat
Collector-emitter saturation voltage
IC=1.0A ;IB=0.1A
0.6
V
VBEsat
Emitter-base saturation voltage
IC=1.0A ;IB=0.1A
1.3
V
VBE
Emitter-base on voltage
IC=1A ; VCE=1V
1.3
V
2N4921
VCE=20V; IB=0
2N4922
VCE=30V; IB=0
ICEO
Collector cut-off current
2N4923
VCE=40V; IB=0
0.5
mA
ICBO
Collector cut-off current
VCB= Rated VCBO ;IE=0
0.1
mA
ICEX
Collector cut-off current
VCE= Rated VCEO; VBE(off)=1.5V
TC=125℃
0.1
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=50mA ; VCE=1V
40
hFE-2
DC current gain
IC=500mA ; VCE=1V
30
150
hFE-3
DC current gain
IC=1A ; VCE=1V
10
fT
Transition frequency
IC=250mA ; VCE=10V;f=1MHz
3.0
MHz
COB
Output capacitance
f=100kHz ; VCB=10V;IE=0
100
pF


Similar Part No. - 2N4921_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
2N4921G ONSEMI-2N4921G Datasheet
150Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N4921G ONSEMI-2N4921G Datasheet
198Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N4921G ONSEMI-2N4921G_17 Datasheet
198Kb / 6P
   Medium-Power Plastic NPN Silicon Transistors
January, 2017 ??Rev. 15
More results

Similar Description - 2N4921_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com