Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3447M Datasheet(PDF) 10 Page - International Rectifier

Part # IR3447M
Description  Single 5V to 21V application
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3447M Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3447M Datasheet HTML 6Page - International Rectifier IR3447M Datasheet HTML 7Page - International Rectifier IR3447M Datasheet HTML 8Page - International Rectifier IR3447M Datasheet HTML 9Page - International Rectifier IR3447M Datasheet HTML 10Page - International Rectifier IR3447M Datasheet HTML 11Page - International Rectifier IR3447M Datasheet HTML 12Page - International Rectifier IR3447M Datasheet HTML 13Page - International Rectifier IR3447M Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
IR3447
10
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
June 18, 2015
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = Vin = 12V, VCC = Internal LDO, Io=0-25A, Fs= 600kHz, Room Temperature, No Air Flow. Note that the
losses of the inductor, input and output capacitors are also considered in the efficiency and power loss curves.
The table below shows the indicator used for each of the output voltages in the efficiency measurement.
VOUT (V)
LOUT (uH)
P/N
DCR (mΩ)
1.0
0.215
PCDC1008-R215EMO (Cyntec)
0.29
1.2
0.215
PCDC1008-R215EMO (Cyntec)
0.29
1.8
0.311
FP1109-R33-R (Coiltronics)
0.42
3.3
0.68
7443320068 (Wurth Elektronik)
0.72


Similar Part No. - IR3447M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3447MPBF IRF-IR3447MPBF Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447MTR1PBF IRF-IR3447MTR1PBF Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447MTRPBF IRF-IR3447MTRPBF Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3447MTRPBF INFINEON-IR3447MTRPBF Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
More results

Similar Description - IR3447M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3448M IRF-IR3448M_15 Datasheet
3Mb / 50P
   Single 5V to 21V application
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
   Single input voltage range from 5V to 21V
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
   Single input voltage range from 5V to 21V
logo
Maxim Integrated Produc...
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17546EVKITB MAXIM-MAX17546EVKITB Datasheet
878Kb / 10P
   5V Output-Voltage Application
Rev 2; 4/18
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
   5V/1A charger application
logo
Maxim Integrated Produc...
MAX17632C5EVKIT MAXIM-MAX17632C5EVKIT Datasheet
867Kb / 11P
   5V Output-Voltage Application
Rev 0; 11/17
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
   5V Output-Voltage Application
Rev 0; 1/14
logo
Shaanxi Reactor Micro...
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
   5V,2A charger application
logo
Maxim Integrated Produc...
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com