Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2520D Datasheet(PDF) 5 Page - International Rectifier

Part # IR2520D
Description  ADAPTIVE BALLAST CONTROL IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2520D Datasheet(HTML) 5 Page - International Rectifier

  IR2520D_15 Datasheet HTML 1Page - International Rectifier IR2520D_15 Datasheet HTML 2Page - International Rectifier IR2520D_15 Datasheet HTML 3Page - International Rectifier IR2520D_15 Datasheet HTML 4Page - International Rectifier IR2520D_15 Datasheet HTML 5Page - International Rectifier IR2520D_15 Datasheet HTML 6Page - International Rectifier IR2520D_15 Datasheet HTML 7Page - International Rectifier IR2520D_15 Datasheet HTML 8Page - International Rectifier IR2520D_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IR2520D(S) & (PbF)
www.irf.com
5
Block Diagram
All values are typical
LO
VCC
5
HO
7
6
8
VS
VB
Bootstrap
FET
Control
Bootstrap
FET
High-Voltage Well
UVLO
Level-Shift
FETs
Q
S
R2
R1
VCO
FMIN
4
3
Driver
Logic
5V
5V
IFMIN
IFMAX
IDT
RRFMIN
IFMIN=
CT
5V
Fault
Logic
Q
S1
R2 Q
S2
R1
SET
RST
1V
0.8V
4.8V
UVLO
VCC
COM
1
2
15.6V
300ns
PGEN
Q
S
RQ
5.1V
120uA
Q
T
RQ
Level
Shift
PGEN
HIN
LIN
VS-Sensing
FET
Averaging
Circuit
x 5
VCC
IQS
IVCO
1us
blank


Similar Part No. - IR2520D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2520DPBF IRF-IR2520DPBF Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DS IRF-IR2520DS Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DSPBF IRF-IR2520DSPBF Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DSTRPBF IRF-IR2520DSTRPBF Datasheet
346Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
More results

Similar Description - IR2520D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2520DSTRPBF IRF-IR2520DSTRPBF Datasheet
346Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520DS IRF-IR2520DS Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com