Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2238Q Datasheet(PDF) 3 Page - International Rectifier

Part # IR2238Q
Description  3-PHASE AC Motor Controller IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2238Q Datasheet(HTML) 3 Page - International Rectifier

  IR2238Q Datasheet HTML 1Page - International Rectifier IR2238Q Datasheet HTML 2Page - International Rectifier IR2238Q Datasheet HTML 3Page - International Rectifier IR2238Q Datasheet HTML 4Page - International Rectifier IR2238Q Datasheet HTML 5Page - International Rectifier IR2238Q Datasheet HTML 6Page - International Rectifier IR2238Q Datasheet HTML 7Page - International Rectifier IR2238Q Datasheet HTML 8Page - International Rectifier IR2238Q Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.irf.com
3
IR2238Q
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V and TA = 25
oC unless otherwise specified. The VIN, VTH and IIN parameters are refer-
enced to VSS and are applicable to all six channels (HOP/HOQ/HON1,2,3 and LOP/LOQ/LON1,2,3). The VO and IO
parameters are referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
VDESAT and IDESAT parameters are referenced to COM and VS1,2,3
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VCCUV+
VCC1 supply undervoltage positive going threshold
10.3
11.2
12.5
VCCUV-
VCC1 supply undervoltage negative going threshold
9.5
10.2
11.3
VCCUVH
VCC1 supply undervoltage lockout hysteresis
1.0
VBSUV+
VBS supply undervoltage positive going threshold
10.3
11.2
12.5
VBSUV-
VBS supply undervoltage negative going threshold
9.5
10.2
11.3
VBSUVH
VBS supply undervoltage lockout hysteresis
1.0
ILK
Offset supply leakage current
50
IQBS
Quiescent VBS supply current
150
250
IQCC
Quiescent VCC supply current
3
6
mA
VLIN=0V, VHIN=5V
DT = 1
µsec
VIH
Logic “0” input voltage (HIN/N, BRIN/N) (OUT=LO)
2.0
VIL
Logic “1” input voltage (HIN/N, BRIN/N) (OUT=HI)
0.8
Vt+
Logic input positive going threshold
1.2
1.6
2.0
(HIN/N, LIN, BRIN/N, SD)
Vt-
Logic input negative going threshold
0.8
1.2
1.6
(HIN/N, LIN, BRIN/N, SD)
∆VT
Logic input hysteresis (HIN, LIN, BRIN, SD)
0.4
VOH
High level output voltage, VBIAS - VO (normal switching) —
100
HOP, HOQ, LOP, LOQ
VOL
Low level output voltage, VO (normal switching)
100
HON, LON
IIN+
Logic “1” input bias current (HIN/N, BRIN/N)
5
VIN = 0V
Logic “1” input bias current (LIN, SD)
70
VIN = 5V
IIN-
Logic “0” input bias current (HIN/N, BRIN/N)
70
VIN = 5V
Logic “0” input bias current (LIN, SD)
5
VIN = 0V
IDS+
High DSH, DSL, DSB input bias current
15
VDESAT = 15V
IDS-
Low DSH, DSL, DSB input bias current
0.1
VDESAT = 0V
IO1+
Output high first stage short circuit pulsed current
220
350
VO = 0V, VIN = 0V
PW
≤ 200 ns
IO2+
Output high second stage short circuit pulsed current
120
200
VO = 0V, VIN = 0V
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
460
540
VO = 15V, VIN = 5V
PW
≤ 10 µs
V
VB1,2,3 = VS1,2,3
= 1200V
VLIN=0V, VHIN=5V
V
VCC = 12.5 to 20V
µA
Io = 1mA
mV
µA
mA


Similar Part No. - IR2238Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
More results

Similar Description - IR2238Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Motorola, Inc
MC3PHAC MOTOROLA-MC3PHAC Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
   3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Allegro MicroSystems
A4923 ALLEGRO-A4923 Datasheet
536Kb / 11P
   3-Phase Sinusoidal Motor Controller
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
   1, 2, or 3-Phase Variable Speed AC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com