Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2238Q Datasheet(PDF) 10 Page - International Rectifier

Part # IR2238Q
Description  3-PHASE AC Motor Controller IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2238Q Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2238Q_15 Datasheet HTML 6Page - International Rectifier IR2238Q_15 Datasheet HTML 7Page - International Rectifier IR2238Q_15 Datasheet HTML 8Page - International Rectifier IR2238Q_15 Datasheet HTML 9Page - International Rectifier IR2238Q_15 Datasheet HTML 10Page - International Rectifier IR2238Q_15 Datasheet HTML 11Page - International Rectifier IR2238Q_15 Datasheet HTML 12Page - International Rectifier IR2238Q_15 Datasheet HTML 13Page - International Rectifier IR2238Q_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
www.irf.com
IR2238Q
HIN
LIN
HO (HOP=HON)
LO (LOP=LON)
t on
tr
50%
90%
10%
50%
90%
10%
t off
tf
BRIN
BR
5V or
3.3V
PWin
PWout
HOQ
LOQ
50%
10%
50%
ton1
Figure 5 Switching Time Waveforms
Figure 6.1 Low Side Desat Soft Shutdown Timing Waveform
LIN 1,2,3
LO 1,2,3
8V
7V
t SS
t
DESAT4
3.3V
or 5V
DSL
t
DS
Soft Shutdown Driver Enable for all L.S. output
&
Hold Driver Enable for all H.S. output
Hard Shutdown Driver Enable for all output
active
LIN 1,2,3
LO 1,2,3
8V
7V
t SS
t
DESAT4
3.3V
or 5V
DSL
t
DS
Soft Shutdown Driver Enable for all L.S. output
&
Hold Driver Enable for all H.S. output
Hard Shutdown Driver Enable for all output
active


Similar Part No. - IR2238Q_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
More results

Similar Description - IR2238Q_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Motorola, Inc
MC3PHAC MOTOROLA-MC3PHAC Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
   3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Allegro MicroSystems
A4923 ALLEGRO-A4923 Datasheet
536Kb / 11P
   3-Phase Sinusoidal Motor Controller
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
   1, 2, or 3-Phase Variable Speed AC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com