Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2130D Datasheet(PDF) 7 Page - International Rectifier

Part # IR2130D
Description  3-PHASE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2130D Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2130D Datasheet HTML 3Page - International Rectifier IR2130D Datasheet HTML 4Page - International Rectifier IR2130D Datasheet HTML 5Page - International Rectifier IR2130D Datasheet HTML 6Page - International Rectifier IR2130D Datasheet HTML 7Page - International Rectifier IR2130D Datasheet HTML 8Page - International Rectifier IR2130D Datasheet HTML 9Page - International Rectifier IR2130D Datasheet HTML 10Page - International Rectifier IR2130D Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IR2130D
www.irf.com
7
Figure 14A. Turn-Off Fall Time vs. Temperature
Figure 14B. Turn-Off Fall Time vs. Voltage
Figure 12A. Turn-Off Time vs. Temperature
Figure 12B. Turn-Off Time vs. Voltage
Figure 13A. Turn-On Rise Time vs. Temperature
Figure 13B. Turn-On Rise Time vs. Voltage
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Max.
0.00
0.20
0.40
0.60
0.80
1.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
Min.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0
50
100
150
200
250
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0
25
50
75
100
125
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.


Similar Part No. - IR2130D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2130D IRF-IR2130D Datasheet
170Kb / 21P
   3-PHASE DRIVER
IR2130D IRF-IR2130D Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
More results

Similar Description - IR2130D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2130D IRF-IR2130D Datasheet
170Kb / 21P
   3-PHASE DRIVER
logo
Rohm
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
   3-phase motor driver
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
logo
Allegro MicroSystems
A4915 ALLEGRO-A4915 Datasheet
1Mb / 17P
   3-Phase MOSFET Driver
logo
International Rectifier
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
logo
Allegro MicroSystems
A4915METTR-T ALLEGRO-A4915METTR-T Datasheet
378Kb / 17P
   3-Phase MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com