Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX232EEPE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX232EEPE
Description  15kV ESD-Protected, 5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232EEPE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX232EEPE Datasheet HTML 1Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 2Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 3Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 4Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 5Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 6Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 7Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 8Page - Maxim Integrated Products MAX232EEPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
________________________________________________________________ Maxim Integrated Products
1
General Description
The MAX202E–MAX213E, MAX232E/MAX241E line
drivers/receivers are designed for RS-232 and V.28
communications in harsh environments. Each transmitter
output and receiver input is protected against ±15kV
electrostatic discharge (ESD) shocks, without latchup.
The various combinations of features are outlined in the
Selector Guide. The drivers and receivers for all ten
devices meet all EIA/TIA-232E and CCITT V.28
specifications at data rates up to 120kbps, when loaded
in accordance with the EIA/TIA-232E specification.
The MAX211E/MAX213E/MAX241E are available in 28-
pin SO packages, as well as a 28-pin SSOP that uses
60% less board space. The MAX202E/MAX232E come
in 16-pin TSSOP, narrow SO, wide SO, and DIP
packages. The MAX203E comes in a 20-pin DIP/SO
package, and needs no external charge-pump
capacitors. The MAX205E comes in a 24-pin wide DIP
package, and also eliminates external charge-pump
capacitors. The MAX206E/MAX207E/MAX208E come in
24-pin SO, SSOP, and narrow DIP packages. The
MAX232E/MAX241E operate with four 1µF capacitors,
while the MAX202E/MAX206E/MAX207E/MAX208E/
MAX211E/MAX213E operate with four 0.1µF capacitors,
further reducing cost and board space.
________________________Applications
Notebook, Subnotebook, and Palmtop Computers
Battery-Powered Equipment
Hand-Held Equipment
Next-Generation Device Features
♦ For Low-Voltage Applications
MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E: ±15kV ESD-Protected Down to
10nA, +3.0V to +5.5V, Up to 1Mbps, True RS-232
Transceivers (MAX3246E Available in a UCSP™
Package)
♦ For Low-Power Applications
MAX3221/MAX3223/MAX3243: 1µA Supply
Current, True +3V to +5.5V RS-232 Transceivers
with Auto-Shutdown™
♦ For Space-Constrained Applications
MAX3233E/MAX3235E: ±15kV ESD-Protected,
1µA, 250kbps, +3.0V/+5.5V, Dual RS-232
Transceivers with Internal Capacitors
♦ For Low-Voltage or Data Cable Applications
MAX3380E/MAX3381E: +2.35V to +5.5V, 1µA,
2Tx/2Rx RS-232 Transceivers with ±15kV ESD-
Protected I/O and Logic Pins
±15kV ESD-Protected, +5V RS-232 Transceivers
Selector Guide
19-0175; Rev 5; 10/03
Ordering Information, Pin Configurations, and Typical
Operating Circuits appear at end of data sheet.
Yes
PART
NO. OF RS-232
DRIVERS
NO. OF RS-232
RECEIVERS
RECEIVERS
ACTIVE IN
SHUTDOWN
NO. OF
EXTERNAL
CAPACITORS
(µF)
LOW-POWER
SHUTDOWN
TTL TRI-
STATE
MAX202E
2
2
0
4 (0.1)
No
No
MAX203E
2
2
0
None
No
No
MAX205E
5
5
0
None
Yes
Yes
MAX206E
4
3
0
4 (0.1)
Yes
Yes
MAX207E
5
3
0
4 (0.1)
No
No
MAX208E
4
4
0
4 (0.1)
No
No
MAX211E
4
5
0
4 (0.1)
Yes
Yes
MAX213E
4
5
2
4 (0.1)
Yes
Yes
MAX232E
2
2
0
4 (1)
No
No
MAX241E
4
5
0
4 (1)
Yes
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
AutoShutdown and UCSP are trademarks of Maxim Integrated
Products, Inc.


Similar Part No. - MAX232EEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232EEPE MAXIM-MAX232EEPE Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX232EEPE AD-MAX232EEPE Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results

Similar Description - MAX232EEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Maxim Integrated Produc...
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com