Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2125Z Datasheet(PDF) 7 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2125Z_15 Datasheet HTML 3Page - International Rectifier IR2125Z_15 Datasheet HTML 4Page - International Rectifier IR2125Z_15 Datasheet HTML 5Page - International Rectifier IR2125Z_15 Datasheet HTML 6Page - International Rectifier IR2125Z_15 Datasheet HTML 7Page - International Rectifier IR2125Z_15 Datasheet HTML 8Page - International Rectifier IR2125Z_15 Datasheet HTML 9Page - International Rectifier IR2125Z_15 Datasheet HTML 10Page - International Rectifier IR2125Z_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IR2125Z
www.irf.com
7
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Figure 14A. Logic “1” Input Threshold vs. Tempera-
ture
Figure 14B. Logic “1” Input Threshold vs. Voltage
Figure 13B. CS to ERR Pull-Up vs. Voltage
Figure 13A. CS to ERR Pull-Up vs. Temperature
Figure 15A. Logic “0” Input Threshold vs. Tempera-
ture
Figure 15B. Logic “0” Input Threshold vs. Voltage
0.0
4.0
8.0
12.0
16.0
20.0
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
Typ.
0.0
4.0
8.0
12.0
16.0
20.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Min.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Max.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.


Similar Part No. - IR2125Z_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results

Similar Description - IR2125Z_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
   CURRENT LIMITING LOW SIDE DRIVER
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
   CURRENT LIMITING LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
   CURRENT LIMITING LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com