Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2114SSPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2114SSPBF
Description  HALF-BRIDGE GATE DRIVER IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2114SSPBF Datasheet(HTML) 1 Page - International Rectifier

  IR2114SSPBF Datasheet HTML 1Page - International Rectifier IR2114SSPBF Datasheet HTML 2Page - International Rectifier IR2114SSPBF Datasheet HTML 3Page - International Rectifier IR2114SSPBF Datasheet HTML 4Page - International Rectifier IR2114SSPBF Datasheet HTML 5Page - International Rectifier IR2114SSPBF Datasheet HTML 6Page - International Rectifier IR2114SSPBF Datasheet HTML 7Page - International Rectifier IR2114SSPBF Datasheet HTML 8Page - International Rectifier IR2114SSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.irf.com
14-Aug-09
© 2009 International Rectifier
1
HALF-BRIDGE GATE DRIVER IC
Features
Floating channel up to 600 V or 1200 V
Soft over-current shutdown
Synchronization signal to synchronize shutdown with the other phases
Integrated desaturation detection circuit
Two stage turn on output for di/dt control
Separate pull-up/pull-down output drive pins
Matched delay outputs
Undervoltage lockout with hysteresis band
Lead free
Description
The IR2114/IR2214 gate driver family is suited to drive a single half bridge in
power switching applications. These drivers provide high gate driving
capability (2 A source, 3 A sink) and require low quiescent current, which
allows the use of bootstrap power supply techniques in medium power
systems. These drivers feature full short circuit protection by means of power
transistor desaturation detection and manage all half-bridge faults by
smoothly turning off the desaturated transistor through the dedicated soft
shutdown
pin,
therefore
preventing
over-voltages
and
reducing
electromagnetic emissions. In multi-phase systems, the IR2114/IR2214
drivers communicate using a dedicated local network (SY_FLT and
FAULT/SD signals) to properly manage phase-to-phase short circuits. The
system controller may force shutdown or read device fault state through the
3.3 V compatible CMOS I/O pin (FAULT/SD). To improve the signal immunity
from DC-bus noise, the control and power ground use dedicated pins
enabling low-side emitter current sensing as well. Undervoltage conditions in
floating and low voltage circuits are managed independently.
Product Summary
VOFFSET
600 V or
1200 V max.
IO+/- (min)
1.0 A / 1.5 A
VOUT
10.4 V – 20 V
Deadtime matching (max)
75 ns
Deadtime (typ)
330 ns
Desat blanking time (typ)
3 µs
DSH, DSL input voltage
threshold (typ)
8.0 V
Soft shutdown time (typ)
9.25 µs
Package
24-Lead SSOP
Typical connection
IR2114SSPbF/IR2214SSPbF
Data Sheet No. PD60213 revL


Similar Part No. - IR2114SSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results

Similar Description - IR2114SSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2114SS IRF-IR2114SS Datasheet
1Mb / 21P
   HALF-BRIDGE GATE DRIVER IC
IR2214SSTRPBF IRF-IR2214SSTRPBF Datasheet
715Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2214SS IRF-IR2214SS Datasheet
308Kb / 28P
   HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
   High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com