Electronic Components Datasheet Search |
|
IR2110E4 Datasheet(PDF) 1 Page - International Rectifier |
|
IR2110E4 Datasheet(HTML) 1 Page - International Rectifier |
1 / 14 page Features n Floating channel designed for bootstrap operation Fully operational to +400V Tolerant to negative transient voltage dV/dt immune n Gate drive supply range from 10 to 20V n Undervoltage lockout for both channels n Separate logic supply range from 5 to 20V Logic and power ground ±5V offset n CMOS Schmitt-triggered inputs with pull-down n Cycle by cycle edge-triggered shutdown logic n Matched propagation delay for both channels n Outputs in phase with inputs IR2110E4 HIGH AND LOW SIDE DRIVER Product Summary VOFFSET 400V max. IO+/- 2A / 2A VOUT 10 - 20V ton/off (typ.) 120ns & 94ns Delay Matching 10ns 05/02/11 www.irf.com 1 Symbol Parameter Min. Max. Units VB High Side Floating Supply Absolute Voltage -0.5 VS + 20 VS High Side Floating Supply Offset Voltage — 400 VHO High Side Output Voltage VS -0.5 VB + 0.5 VCC Low Side Fixed Supply Voltage -0.5 20 VLO Low Side Output Voltage -0.5 VCC + 0.5 VDD Logic Supply Voltage -0.5 VSS + 20 VSS Logic Supply Offset Voltage VCC - 20 VCC + 0.5 VIN Logic Input Voltage (HIN, LIN & SD) VSS - 0.5 VDD + 0.5 dVS/dt Allowable Offset Supply Voltage Transient (Fig. 16) — 50 V/ns PD Package Power Dissipation @ TA ≤ = 25°C (Fig. 19) — 1.6 W RthJA Thermal Resistance, Junction to Ambient — 125 °C/W Tj Junction Temperature -55 125 TS Storage Temperature -55 150 TL Package Mounting Surface Temperature 300 (for 5 seconds) Weight 0.45 (typical) g V °C Absolute Maximum Ratings Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions. Additional information is shown in Figures 28 through 35. Description The IR2110E4 is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. Logic inputs are compatible with standard CMOS or LSTTL outputs. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 400 volts. PD-60086C |
Similar Part No. - IR2110E4_15 |
|
Similar Description - IR2110E4_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |