Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2108 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2108
Description  HALF-BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2108 Datasheet(HTML) 5 Page - International Rectifier

  IR2108_15 Datasheet HTML 1Page - International Rectifier IR2108_15 Datasheet HTML 2Page - International Rectifier IR2108_15 Datasheet HTML 3Page - International Rectifier IR2108_15 Datasheet HTML 4Page - International Rectifier IR2108_15 Datasheet HTML 5Page - International Rectifier IR2108_15 Datasheet HTML 6Page - International Rectifier IR2108_15 Datasheet HTML 7Page - International Rectifier IR2108_15 Datasheet HTML 8Page - International Rectifier IR2108_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.irf.com
5
IR2108(4) (S) & (PbF)
14 Lead PDIP
14 Lead SOIC
IR21084
IR21084S
Lead Assignments
8 Lead PDIP
8 Lead SOIC
1
2
3
4
8
7
6
5
VCC
HIN
LIN
COM
VB
HO
VS
LO
1
2
3
4
8
7
6
5
VCC
HIN
LIN
COM
VB
HO
VS
LO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
HIN
LIN
DT
VSS
COM
LO
VB
HO
VS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
HIN
LIN
DT
VSS
COM
LO
VB
HO
VS
Lead Definitions
Symbol Description
HIN
Logic input for high side gate driver output (HO), in phase (referenced to COM for IR2108 and
VSS for IR21084)
Logic input for low side gate driver output (LO), out of phase (referenced to COM for IR2108
and VSS for IR21084)
DT
Programmable dead-time lead, referenced to VSS. (IR21084 only)
VSS
Logic Ground (21084 only)
VB
High side floating supply
HO
High side gate driver output
VS
High side floating supply return
VCC
Low side and logic fixed supply
LO
Low side gate driver output
COM
Low side return
LIN
IR2108
IR2108S


Similar Part No. - IR2108_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21084 IRF-IR21084 Datasheet
321Kb / 23P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21084 INFINEON-IR21084 Datasheet
329Kb / 23P
   HALF-BRIDGE DRIVER
logo
International Rectifier
IR21084S IRF-IR21084S Datasheet
321Kb / 23P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21084S INFINEON-IR21084S Datasheet
329Kb / 23P
   HALF-BRIDGE DRIVER
logo
International Rectifier
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
   Gate drive supply range from 10 to 20V
More results

Similar Description - IR2108_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com