Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2101 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2101
Description  HIGH AND LOW SIDE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2101 Datasheet(HTML) 1 Page - International Rectifier

  IR2101 Datasheet HTML 1Page - International Rectifier IR2101 Datasheet HTML 2Page - International Rectifier IR2101 Datasheet HTML 3Page - International Rectifier IR2101 Datasheet HTML 4Page - International Rectifier IR2101 Datasheet HTML 5Page - International Rectifier IR2101 Datasheet HTML 6Page - International Rectifier IR2101 Datasheet HTML 7Page - International Rectifier IR2101 Datasheet HTML 8Page - International Rectifier IR2101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet No. PD60043 Rev.O
Typical Connection
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout
3.3V, 5V, and 15V logic input compatible
Matched propagation delay for both channels
Outputs in phase with inputs (IR2101) or out of
phase with inputs (IR2102)
Also available LEAD-FREE
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
130 mA / 270 mA
VOUT
10 - 20V
ton/off (typ.)
160 & 150 ns
Delay Matching
50 ns
IR2101(S)/IR2102(S) &(PbF)
Description
The IR2101(S)/IR2102(S) are high voltage, high speed
power MOSFET and IGBT drivers with independent
high and low side referenced output channels. Pro-
prietary HVIC and latch immune CMOS technologies
enable ruggedized monolithic construction. The logic
input is compatible with standard CMOS or LSTTL
output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum
driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in
the high side configuration which operates up to 600 volts.
www.irf.com
1
(Refer to Lead Assignments for correct pin
configuration). This/These diagram(s) show
electrical connections only. Please refer to
our Application Notes and DesignTips for
proper circuit board layout.
IR2102
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
IR2101
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
Packages
8-Lead SOIC
IR2101S/IR2102S
8-Lead PDIP
IR2101/IR2102


Similar Part No. - IR2101

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2101 IRF-IR2101 Datasheet
396Kb / 6P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
138Kb / 13P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
   HIGH AND LOW SIDE DRIVER Product Summary
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2101

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com